Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQ-CBL-OUT2C Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # AQ-CBL-OUT2C
Description  Parallel operation supported
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ-CBL-OUT2C Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button AQ-CBL-OUT2C Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ-CBL-OUT2C Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ-CBL-OUT2C Datasheet HTML 8Page - SynQor Worldwide Headquarters AQ-CBL-OUT2C Datasheet HTML 9Page - SynQor Worldwide Headquarters AQ-CBL-OUT2C Datasheet HTML 10Page - SynQor Worldwide Headquarters AQ-CBL-OUT2C Datasheet HTML 11Page - SynQor Worldwide Headquarters AQ-CBL-OUT2C Datasheet HTML 12Page - SynQor Worldwide Headquarters AQ-CBL-OUT2C Datasheet HTML 13Page - SynQor Worldwide Headquarters AQ-CBL-OUT2C Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Product # AQ0400IUxT
Phone 1-888-567-9596
www.SynQor.com
Doc.# 005-005053 Rev. C
08/24/15
Page 11
AC Input: 85-264 Vrms
DC Output: 12/24/36/48 V Semi-reg.
Power: 400 W
Grade: Industrial
MECHANICAL DRAWINGS
Technical Specification
1
3
5
1
3
5
1 3
5
3.50
[88.9]
1.75
[44.5]
3.21
[81.5]
.61
[15.4]
3.04
[77.1]
.38
[9.5]
1.05
[26.7]
INPUT
INPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
2.66
[67.5]
4.26
[108.2]
4.875
[123.83]
6-32 SELF-CLINCHING INSERT
MOUNTING SCREW SHALL NOT
PROTRUDE .200” INTO THE CHASSIS
(4 PIECES)
6-32 SELF-CLINCHING INSERT
MOUNTING SCREW SHALL NOT
PROTRUDE 3/8” INTO THE CHASSIS
(4 PIECES)
3.92
[99.5]
2.31
[58.8]
1.31
[33.1]
.71
[18]
5.25 [133.4]
3.03 [76.8]
4.85 [123.2]
4.91 [124.7]
.17 [4.3]
.23 [5.9]
.20 [5.1]
16 15
14 13 12 11 10
9
8
7
6
5
4
3
2
1
16 15
14 13 12 11 10
9
8
7
6
5
4
3
2
1
16 15
14 13 12 11 10
9
8
7
6
5
4
3
2
1
(3 Modules Stacked Version - U Package Type)


Similar Part No. - AQ-CBL-OUT2C

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ-CBL-OUT2C SYNQOR-AQ-CBL-OUT2C Datasheet
4Mb / 14P
   Semi-regulated output for bus stability
AQ-CBL-OUT2C SYNQOR-AQ-CBL-OUT2C Datasheet
3Mb / 14P
   Semi-regulated output for bus stability
AQ-CBL-OUT2C SYNQOR-AQ-CBL-OUT2C Datasheet
4Mb / 14P
   Parallel operation supported
AQ-CBL-OUT2C SYNQOR-AQ-CBL-OUT2C Datasheet
3Mb / 12P
   Integral fan cooling with speed control
AQ-CBL-OUT2C SYNQOR-AQ-CBL-OUT2C Datasheet
3Mb / 12P
   Integral fan cooling with speed control
More results

Similar Description - AQ-CBL-OUT2C

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0400IUXX SYNQOR-AQ0400IUXX Datasheet
4Mb / 14P
   Parallel operation supported
logo
Sanyo Semicon Device
STK672-040 SANYO-STK672-040 Datasheet
1Mb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)
STK672-050 SANYO-STK672-050 Datasheet
218Kb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
logo
Axiomtek Co., Ltd.
MANO860 AXIOMTEK-MANO860 Datasheet
261Kb / 1P
   iAMT supported
SBC81210 AXIOMTEK-SBC81210 Datasheet
166Kb / 1P
   DisplayPort supported
IMB206 AXIOMTEK-IMB206 Datasheet
218Kb / 1P
   TPM supported
logo
AAEON Technology
FWS-7821 AAEON-FWS-7821 Datasheet
407Kb / 2P
   TPM Supported (Optional Request), RAID 0,1 Supported
logo
Axiomtek Co., Ltd.
SHB103 AXIOMTEK-SHB103 Datasheet
158Kb / 1P
   DisplayPort supported
logo
Maxim Integrated Produc...
MAX14900DEVBRD MAXIM-MAX14900DEVBRD Datasheet
713Kb / 17P
   Stand-Alone Operation in Parallel Mode
Rev 0; 5/15
logo
Bel Fuse Inc.
PET1300-12-0540A BEL-PET1300-12-0540A Datasheet
1Mb / 22P
   Parallel operation with active current sharing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com