Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQ-CBL-OUT1C Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # AQ-CBL-OUT1C
Description  Semi-regulated output for bus stability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ-CBL-OUT1C Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  AQ-CBL-OUT1C Datasheet HTML 1Page - SynQor Worldwide Headquarters AQ-CBL-OUT1C Datasheet HTML 2Page - SynQor Worldwide Headquarters AQ-CBL-OUT1C Datasheet HTML 3Page - SynQor Worldwide Headquarters AQ-CBL-OUT1C Datasheet HTML 4Page - SynQor Worldwide Headquarters AQ-CBL-OUT1C Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ-CBL-OUT1C Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ-CBL-OUT1C Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ-CBL-OUT1C Datasheet HTML 8Page - SynQor Worldwide Headquarters AQ-CBL-OUT1C Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Product # AQ0300IUxx
Phone 1-888-567-9596
www.SynQor.com
Doc.# 005-005051 Rev. D
09/14/15
Page 1
Technical
Specification
300 W Single Vout Series
• High efficiency (91% for 48 VOUT Model at 300 W)
• Universal input voltage range
• Semi-regulated output for bus stability
• Parallel operation supported
• Integral fan cooling with speed control
• Active PFC; EN61000-3-2 compliant
• Low leakage; EN60601-1 compliant
• Low noise; EN55011 / EN55022 Class B compliant
• Over–current, over–voltage, & over–temp protection
• DC Power Good / AC Power Good signals
• Remote enable input
• Fan status output / Fan enable input
• Small size: 3" x 5" x 1.45" (open frame)
• RoHS 6/6 compliant
• 5 V (250 mW) standby output
Product Features
Industrial Grade AC/DC Power Supply With PFC
85-264 Vrms
12/24/36/48 V
300 W
400 W
Up to 91%
Input Voltage
Semi-Regulated Output
Output Continuous Output Transient Full Load Efficiency
Configurations
•300WEncasedorOpenFrame
•600WEncasedFlatorStacked
•900WEncasedFlatorStacked
900WEncasedStacked
300WEncased
300WOpenFrame
600WEncasedFlat


Similar Part No. - AQ-CBL-OUT1C

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ-CBL-OUT1C SYNQOR-AQ-CBL-OUT1C Datasheet
4Mb / 14P
   Semi-regulated output for bus stability
AQ-CBL-OUT1C SYNQOR-AQ-CBL-OUT1C Datasheet
4Mb / 14P
   Parallel operation supported
AQ-CBL-OUT1C SYNQOR-AQ-CBL-OUT1C Datasheet
4Mb / 14P
   Parallel operation supported
AQ-CBL-OUT1C SYNQOR-AQ-CBL-OUT1C Datasheet
3Mb / 12P
   Integral fan cooling with speed control
AQ-CBL-OUT1C SYNQOR-AQ-CBL-OUT1C Datasheet
3Mb / 12P
   Integral fan cooling with speed control
More results

Similar Description - AQ-CBL-OUT1C

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0300IUXT SYNQOR-AQ0300IUXT Datasheet
4Mb / 14P
   Semi-regulated output for bus stability
logo
Total Power Internation...
MA01 TOTAL-POWER-MA01 Datasheet
658Kb / 4P
   Semi-regulated Output Voltage
MA01H TOTAL-POWER-MA01H Datasheet
655Kb / 4P
   Semi-regulated Output Voltage
logo
Sanyo Semicon Device
STK730-020 SANYO-STK730-020 Datasheet
127Kb / 6P
   Self-Excitation Type Semi-Regulated Switching Regulator (145W Output)?
STK730-080 SANYO-STK730-080 Datasheet
98Kb / 4P
   Self-Excitation Type Semi-Regulated Switching Regulator (210W Output)?
STK730-010 SANYO-STK730-010 Datasheet
126Kb / 6P
   Self-Excitation Type Semi-Regulated Switching Regulator (110W Output)
logo
GAPTEC Electronic GmbH ...
3S7A-1U GAPTEC-3S7A-1U Datasheet
804Kb / 3P
   3W Single/Dual Output - Fixed Input - Isolated & Semi-regulated
3S7B-3UP GAPTEC-3S7B-3UP Datasheet
374Kb / 3P
   3W Single/Dual Output - Fixed Input - Isolated & Semi-regulated
logo
Texas Instruments
PTQB425080 TI-PTQB425080 Datasheet
445Kb / 14P
[Old version datasheet]   200-W 48-V INPUT, 8-V OUTPUT, SEMI-REGULATED, ISOLATED DC-DC BUS CONVERTER
logo
GAPTEC Electronic GmbH ...
3S7B GAPTEC-3S7B Datasheet
789Kb / 3P
   3W Single/Dual Output - Fixed Input - Isolated & Semi-regulated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com