Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD5412AIP Datasheet(PDF) 7 Page - Exar Corporation

Part # XRD5412AIP
Description  5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD5412AIP Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRD5412AIP Datasheet HTML 3Page - Exar Corporation XRD5412AIP Datasheet HTML 4Page - Exar Corporation XRD5412AIP Datasheet HTML 5Page - Exar Corporation XRD5412AIP Datasheet HTML 6Page - Exar Corporation XRD5412AIP Datasheet HTML 7Page - Exar Corporation XRD5412AIP Datasheet HTML 8Page - Exar Corporation XRD5412AIP Datasheet HTML 9Page - Exar Corporation XRD5412AIP Datasheet HTML 10Page - Exar Corporation XRD5412AIP Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
XRD5408/10/12
7
Rev. 1.20
THEORY OF OPERATION
XRD5408/10/12 Description
The XRD5408/10/12 are micro-power, voltage output,
serial daisy-chain programmable DACs operating from a
single 5V power supply. The DACs are built on a 0.6
micron CMOS process. The features of these DACs
make it well suited for industrial control, low distortion
audio, battery operated devices and cost sensitive
designs that want to minimize pin count on ICs.
Resistor String DAC
A resistor string architecture converts digital data using a
switch matrix to an analog signal as shown in
Figure 3.
Figure 3. XRD5408/10/12 DAC Architecture
Shift Register
-
+
VREFIN
VDD
CS
SCLK
SDIN
Power On
Reset
Switch
Matrix
AGND
VDD
DOUT
VOUT
R
R
2n
The resistor string architecture provides a non-inverted
output voltage (VOUT) of the reference input (VREFIN) for
single supply operation while maintaining a constant input
resistance.
Unlike inverted R-2R architectures the
reference input resistance will remain constant
independent of code. This greatly simplifies the analog
driving source requirements for the reference voltage and
minimizes distortion. Similarly input capacitance varies
only approximately 4pF over all codes.
Fixed Gain +2 Voltage Output Amplifier
A high open-loop gain operational amplifier buffers the
resistor string with a stable, fixed gain of +2. The voltage
output will settle within 13 s. The output is short circuit
protected and can regulate an output load of 2V into 2k
within 2mV at 25°C.
While the reference input will accept a voltage from
rail-to-rail, the linear input voltage range is constrained by
the output swing of the fixed +2 closed-loop gain amplifier.
Full scale output swing is achieved with an external
reference of approximately 1/2 VDD. The reference
voltage must be positive because the XRD5408/10/12
DAC is non-inverting.
Serial Daisy-Chainable Digital Interface
The three wire serial interface includes a DOUT to enable
daisy-chaining of several DACs. This minimizes pin
count necessary of digital asics or controllers to address
multiple DACS. The serial interface is designed for
CMOS logic levels. Timing is shown in
Figure 2. The
binary coding table (
Table 1) shows the DAC transfer
function.
A power on reset circuit forces the DAC to reset to all “0”s
on power up.
APPLICATION NOTES
Serial Interface
The XRD5408/10/12 family has a three wire serial
interface that is compatible with Microwiret, SPIt and
QSPIt standards. Typical configurations are shown in
Figure 4 and Figure 5. Maximum serial port clock rate is
limited by the minimum pulse width of tCH and tCL.
Feedthrough noise from the serial port to the analog
output (VOUT) is minimized by lowering the frequency of
the serial port and holding the digital edges to >5ns.


Similar Part No. - XRD5412AIP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD5412AIP EXAR-XRD5412AIP Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
More results

Similar Description - XRD5412AIP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP5010JT EXAR-MP5010JT Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD54L08 EXAR-XRD54L08 Datasheet
916Kb / 16P
   3V Low Power Voltage Output Serial 8/10/12-Bit DAC Family
logo
IC MICROSYSTEMS
ICM7561 ICMIC-ICM7561 Datasheet
179Kb / 9P
   12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX531 MAXIM-MAX531 Datasheet
207Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
MAX530 MAXIM-MAX530 Datasheet
140Kb / 16P
   5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC
Rev 3; 7/95
MAX504 MAXIM-MAX504 Datasheet
174Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
Rev 2; 11/96
MAX503 MAXIM-MAX503 Datasheet
118Kb / 16P
   5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
Rev 0; 8/94
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5812 MAXIM-MAX5812 Datasheet
268Kb / 13P
   12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5544 MAXIM-MAX5544 Datasheet
218Kb / 8P
   Low-Cost, 5V, Serial-Input, Voltage-Output, 14-Bit DAC
Rev 0; 12/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com