Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD5412AID Datasheet(PDF) 5 Page - Exar Corporation

Part # XRD5412AID
Description  5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD5412AID Datasheet(HTML) 5 Page - Exar Corporation

  XRD5412AID Datasheet HTML 1Page - Exar Corporation XRD5412AID Datasheet HTML 2Page - Exar Corporation XRD5412AID Datasheet HTML 3Page - Exar Corporation XRD5412AID Datasheet HTML 4Page - Exar Corporation XRD5412AID Datasheet HTML 5Page - Exar Corporation XRD5412AID Datasheet HTML 6Page - Exar Corporation XRD5412AID Datasheet HTML 7Page - Exar Corporation XRD5412AID Datasheet HTML 8Page - Exar Corporation XRD5412AID Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
XRD5408/10/12
5
Rev. 1.20
ELECTRICAL CHARACTERISTICS (CONT’D)
Test Conditions: VDD= 5V, GND= 0V, REFIN= 2.048V (External), RL= 10kW, CL= 100pF, TA= TMIN to TMAX,
Unless Otherwise Noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
tDS
DIN Setup Time
10
45
ns
tDH
DIN Hold Time
0
ns
tDO
DOUT Valid Propagation Delay
8
15
ns
CL= 50pF
tCSW
CS High Pulse Width
20
40
ns
tCS1
CS Rise to SCLK Rise Setup
Time
10
20
ns
Specifications are subject to change without notice
ABSOLUTE MAXIMUM RATINGS
VDD to GND
-0.3V, +7V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Input Voltage to GND
-0.3V, VDD +0.3V
. . . . . .
VREFIN
-0.3V, VDD +0.3V
. . . . . . . . . . . . . . . . . . . . . . . . .
VOUT1
VDD, GND
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Current, Any Pin
-20mA, +20mA
. . . . . . . .
Package Power Dissipation Ratings (TA= +70°C)
PDIP (derate 9mW/°C above +70°C)
117mW
. . . .
SOIC (derate 6mW/°C above +70°C)
155mW
. . .
Operating Temperature Range
-40°C to + 85°C
. . . . .
Storage Temperature Range
-65°C to +165°C
. . . . . .
Lead Temperature (soldering, 10 sec)
+300°C
. . . . . .
Notes
1 Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation at or above this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
2 Any input pin which can see a value outside the absolute maximum ratings should be protected by Schottky diode clamps
(HP5082-2835) from input pin to the supplies. All inputs have protection diodes which will protect the device from short
transients outside the supplies of less than 100mA for less than 100ms.


Similar Part No. - XRD5412AID

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD5412AID EXAR-XRD5412AID Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
More results

Similar Description - XRD5412AID

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP5010JT EXAR-MP5010JT Datasheet
930Kb / 16P
   5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
XRD54L08 EXAR-XRD54L08 Datasheet
916Kb / 16P
   3V Low Power Voltage Output Serial 8/10/12-Bit DAC Family
logo
IC MICROSYSTEMS
ICM7561 ICMIC-ICM7561 Datasheet
179Kb / 9P
   12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX531 MAXIM-MAX531 Datasheet
207Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
MAX530 MAXIM-MAX530 Datasheet
140Kb / 16P
   5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC
Rev 3; 7/95
MAX504 MAXIM-MAX504 Datasheet
174Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
Rev 2; 11/96
MAX503 MAXIM-MAX503 Datasheet
118Kb / 16P
   5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
Rev 0; 8/94
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5812 MAXIM-MAX5812 Datasheet
268Kb / 13P
   12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5544 MAXIM-MAX5544 Datasheet
218Kb / 8P
   Low-Cost, 5V, Serial-Input, Voltage-Output, 14-Bit DAC
Rev 0; 12/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com