Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM4EP64BPN-70 Datasheet(PDF) 7 Page - Texas Instruments

Part # TM4EP64BPN-70
Description  EXTENDED-DATA-OUT DYNAMIC RAM MODULES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM4EP64BPN-70 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TM4EP64BPN-70 Datasheet HTML 3Page - Texas Instruments TM4EP64BPN-70 Datasheet HTML 4Page - Texas Instruments TM4EP64BPN-70 Datasheet HTML 5Page - Texas Instruments TM4EP64BPN-70 Datasheet HTML 6Page - Texas Instruments TM4EP64BPN-70 Datasheet HTML 7Page - Texas Instruments TM4EP64BPN-70 Datasheet HTML 8Page - Texas Instruments TM4EP64BPN-70 Datasheet HTML 9Page - Texas Instruments TM4EP64BPN-70 Datasheet HTML 10Page - Texas Instruments TM4EP64BPN-70 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TM4EP64BJN, TM4EP64BPN, TM4EP64CJN, TM4EP64CPN 4194304 BY 64-BIT
TM4EP72BJN, TM4EP72BPN, TM4EP72CJN, TM4EP72CPN 4194304 BY 72-BIT
EXTENDED-DATA-OUT DYNAMIC RAM MODULES
SMMS682A – AUGUST 1997– REVISED MARCH 1998
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage and ambient temperature
(unless otherwise noted)
TM4EP64BxN
PARAMETER
TEST CONDITIONS†
’4EP64BxN-50
’4EP64BxN-60
’4EP64BxN-70
UNIT
PARAMETER
TEST CONDITIONS†
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
High-level
output
IOH = – 2 mA
LVTTL
2.4
2.4
2.4
V
VOH
output
voltage
IOH = – 100 µA
LVCMOS
VDD– 0.2
VDD – 0.2
VDD – 0.2
V
VOL
Low-level
output
IOL = 2 mA
LVTTL
0.4
0.4
0.4
V
VOL
output
voltage
IOL = 100 µA
LVCMOS
0.2
0.2
0.2
V
II
Input current
(leakage)
VDD = 3.6 V,
VI = 0 V to 3.9 V,
All others = 0 V to VDD
± 20
± 20
± 20
µA
IO
Output
current
(leakage)
VDD = 3.6 V,
VO = 0 V to VDD,
CASx high
± 20
± 20
± 20
µA
ICC1‡§
Average
read- or
write-cycle
current
VDD = 3.6 V,
Minimum cycle
1 920
1 600
1 440
mA
ICC2
Average
standby
VIH = 2 V (LVTTL),
After one memory cycle,
RASx and CASx high
32
32
32
mA
ICC2
standby
current
VIH = VDD – 0.2 V (LVCMOS),
After one memory cycle,
RASx and CASx high
16
16
16
mA
ICC3‡§
Average
refresh
current
(RASx-only
refresh
or CBR)
VDD = 3.6 V,
Minimum cycle,
RASx cycling,
CASx high (RASx-only refresh),
RASx low after CASx low (CBR)
1 920
1 600
1 440
mA
ICC4‡¶
Average
EDO current
VDD = 3.6 V,
tHPC = MIN,
RASx low,
CASx cycling
1 760
1 440
1 280
mA
† For conditions shown as MIN / MAX, use the appropriate value specified in the timing requirements.
‡ Measured with outputs open
§ Measured with a maximum of one address change while RASx = VIL
¶ Measured with a maximum of one address change during each EDO cycle, tHPC


Similar Part No. - TM4EP64BPN-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4EP64DJN TI1-TM4EP64DJN Datasheet
679Kb / 43P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM4EP64DPN TI1-TM4EP64DPN Datasheet
679Kb / 43P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
More results

Similar Description - TM4EP64BPN-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4EN64KPU TI1-TM4EN64KPU Datasheet
328Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32G TI1-TM497FBK32G Datasheet
174Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM2EP64DJN TI1-TM2EP64DJN Datasheet
679Kb / 43P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32 TI-TM497FBK32 Datasheet
170Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM497FBK32H TI1-TM497FBK32H Datasheet
209Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM2EJ64DPN TI1-TM2EJ64DPN Datasheet
312Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??SODIMM
TM4EP72BJB TI1-TM4EP72BJB Datasheet
248Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT BUFFERED DYNAMIC RAM MODULES
TM4EJ64KPU TI1-TM4EJ64KPU Datasheet
378Kb / 24P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??? SODIMM
logo
Samsung semiconductor
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com