Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS626812A Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS626812A
Description  1048576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS626812A Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS626812A Datasheet HTML 3Page - Texas Instruments TMS626812A Datasheet HTML 4Page - Texas Instruments TMS626812A Datasheet HTML 5Page - Texas Instruments TMS626812A Datasheet HTML 6Page - Texas Instruments TMS626812A Datasheet HTML 7Page - Texas Instruments TMS626812A Datasheet HTML 8Page - Texas Instruments TMS626812A Datasheet HTML 9Page - Texas Instruments TMS626812A Datasheet HTML 10Page - Texas Instruments TMS626812A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
TMS626812
1048576 BY 8-BIT BY 2-BANK
SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
SMOS687A –JULY 1996 – REVISED APRIL 1997
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
burst sequence (continued)
Table 6. 8-Bit Burst Sequences
INTERNAL COLUMN ADDRESS A2 – A0
DECIMAL
BINARY
START
2ND
3RD
4TH
5TH
6TH
7TH
8TH
START
2ND
3RD
4TH
5TH
6TH
7TH
8TH
0
1
2
3
4
5
6
7
000
001
010
011
100
101
110
111
1
2
3
4
5
6
7
0
001
010
011
100
101
110
111
000
2
3
4
5
6
7
0
1
010
011
100
101
110
111
000
001
Serial
3
4
5
6
7
0
1
2
011
100
101
110
111
000
001
010
Serial
4
5
6
7
0
1
2
3
100
101
110
111
000
001
010
011
5
6
7
0
1
2
3
4
101
110
111
000
001
010
011
100
6
7
0
1
2
3
4
5
110
111
000
001
010
011
100
101
7
0
1
2
3
4
5
6
111
000
001
010
011
100
101
110
0
1
2
3
4
5
6
7
000
001
010
011
100
101
110
111
1
0
3
2
5
4
7
6
001
000
011
010
101
100
111
110
2
3
0
1
6
7
4
5
010
011
000
001
110
111
100
101
Interleave
3
2
1
0
7
6
5
4
011
010
001
000
111
110
101
100
Interleave
4
5
6
7
0
1
2
3
100
101
110
111
000
001
010
011
5
4
7
6
1
0
3
2
101
100
111
110
001
000
011
010
6
7
4
5
2
3
0
1
110
111
100
101
010
011
000
001
7
6
5
4
3
2
1
0
111
110
101
100
011
010
001
000
latency
The beginning data-out cycle of a read burst can be programmed to occur two or three CLK cycles after the read
command (see the section on setting the mode register, page 9). This feature allows adjustment of the device
so that it operates using the capability to latch the data output from the ’626812. The delay between the READ
command and the beginning of the output burst is known as CAS latency. After the initial output cycle begins,
the data burst occurs at the CLK frequency without any intervening gaps. Use of minimum read latencies is
restricted, based on the maximum frequency rating of the ’626812.
There is no latency for data-in cycles (write latency). The first data-in cycle of a write burst is entered at the same
rising edge of CLK on which the WRT command is entered. The write latency is fixed and is not determined by
the mode-register contents.
two-bank operation
The ’626812 contains two independent banks that can be accessed individually or in an interleaved fashion.
Each bank must be activated with a row address before it can be accessed. Each bank must then be deactivated
before it can be activated again with a new row address. The bank-activate / row-address-entry command
(ACTV) is entered by holding RAS low, CAS high, W high, and A11 valid on the rising edge of CLK. A bank can
be deactivated either automatically during a READ-P or a WRT-P command or by use of the deactivate-bank
(DEAC) command. Both banks can be deactivated at once by use of the DCAB command (see Table 1 and the
section on bank deactivation description, page 8).


Similar Part No. - TMS626812A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS626812A TI1-TMS626812A Datasheet
597Kb / 40P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626812A-10DGE TI1-TMS626812A-10DGE Datasheet
597Kb / 40P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626812A-10DGER TI1-TMS626812A-10DGER Datasheet
597Kb / 40P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
More results

Similar Description - TMS626812A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS626162A TI-TMS626162A Datasheet
707Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
SMJ626162 TI-SMJ626162 Datasheet
629Kb / 42P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162 TI-TMS626162 Datasheet
659Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
SMJ4C1024 TI-SMJ4C1024 Datasheet
414Kb / 27P
[Old version datasheet]   1048576 BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS418160A TI-TMS418160A Datasheet
355Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS626812B TI-TMS626812B Datasheet
611Kb / 40P
[Old version datasheet]   1,048,576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS44409 TI-TMS44409 Datasheet
413Kb / 26P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS417800A TI1-TMS417800A Datasheet
343Kb / 24P
[Old version datasheet]   2097152 BY 8-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS664814DGE-8A TI1-TMS664814DGE-8A Datasheet
905Kb / 56P
[Old version datasheet]   16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com