Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS28F010A-12C3FML4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS28F010A-12C3FML4
Description  1048576-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F010A-12C3FML4 Datasheet(HTML) 3 Page - Texas Instruments

  TMS28F010A-12C3FML4 Datasheet HTML 1Page - Texas Instruments TMS28F010A-12C3FML4 Datasheet HTML 2Page - Texas Instruments TMS28F010A-12C3FML4 Datasheet HTML 3Page - Texas Instruments TMS28F010A-12C3FML4 Datasheet HTML 4Page - Texas Instruments TMS28F010A-12C3FML4 Datasheet HTML 5Page - Texas Instruments TMS28F010A-12C3FML4 Datasheet HTML 6Page - Texas Instruments TMS28F010A-12C3FML4 Datasheet HTML 7Page - Texas Instruments TMS28F010A-12C3FML4 Datasheet HTML 8Page - Texas Instruments TMS28F010A-12C3FML4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TMS28F010A
1048576-BIT FLASH
ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
SMJS012 – DECEMBER 1992 – REVISED NOVEMBER 1993
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
device symbol nomenclature
PEP4 Burn-In
4 = 168-Hour Burn-In
(blank if no burn-in)
Temperature Range Designator
L=
0
°Cto 70°C
E=
– 40
°Cto 85°C
Q=
– 40
°C to 125°C
Package Designator
N =
Plastic Dual In-Line Package
FM =
Plastic Leaded Chip Carrier
DD =
Thin Small-Outline Package
DU =
Thin Small-Outline Package,
Reverse Pinout
Program/Erase Endurance
C4 = 10 000 Cycles
C3 = 1 000 Cycles
Speed Designator
-10 = 100 ns
-12 = 120 ns
-15 = 150 ns
-17 = 170 ns
-12
C4
FM
L
4
TMS28F010A


Similar Part No. - TMS28F010A-12C3FML4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F010B TI-TMS28F010B Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-10 TI-TMS28F010B-10 Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-10C5FME TI-TMS28F010B-10C5FME Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-10C5FML TI-TMS28F010B-10C5FML Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-12 TI-TMS28F010B-12 Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
More results

Similar Description - TMS28F010A-12C3FML4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
logo
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
   65536-Bit Electrically Erasable And Programmable Read-Only Memory
logo
Texas Instruments
TMS29F256 TI-TMS29F256 Datasheet
997Kb / 18P
[Old version datasheet]   262,144-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORIES
logo
Fujitsu Component Limit...
MBM27C1028-15 FUJITSU-MBM27C1028-15 Datasheet
487Kb / 12P
   CMOS 1048576 BIT UV ERASABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com