Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM4EP64CPN-60 Datasheet(PDF) 10 Page - Texas Instruments

Part # TM4EP64CPN-60
Description  EXTENDED-DATA-OUT DYNAMIC RAM MODULES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM4EP64CPN-60 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TM4EP64CPN-60 Datasheet HTML 6Page - Texas Instruments TM4EP64CPN-60 Datasheet HTML 7Page - Texas Instruments TM4EP64CPN-60 Datasheet HTML 8Page - Texas Instruments TM4EP64CPN-60 Datasheet HTML 9Page - Texas Instruments TM4EP64CPN-60 Datasheet HTML 10Page - Texas Instruments TM4EP64CPN-60 Datasheet HTML 11Page - Texas Instruments TM4EP64CPN-60 Datasheet HTML 12Page - Texas Instruments TM4EP64CPN-60 Datasheet HTML 13Page - Texas Instruments TM4EP64CPN-60 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TM4EP64BJN, TM4EP64BPN, TM4EP64CJN, TM4EP64CPN 4194304 BY 64-BIT
TM4EP72BJN, TM4EP72BPN, TM4EP72CJN, TM4EP72CPN 4194304 BY 72-BIT
EXTENDED-DATA-OUT DYNAMIC RAM MODULES
SMMS682A – AUGUST 1997– REVISED MARCH 1998
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage and ambient temperature
(unless otherwise noted) (continued)
TM4EP72CxN
PARAMETER
TEST CONDITIONS†
’4EP72CxN-50
’4EP72CxN-60
’4EP72CxN-70
UNIT
PARAMETER
TEST CONDITIONS†
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
High-level
output
IOH = – 2 mA
LVTTL
2.4
2.4
2.4
V
VOH
output
voltage
IOH = – 100 µA
LVCMOS
VDD – 0.2
VDD – 0.2
VDD– 0.2
V
VOL
Low-level
output
IOL = 2 mA
LVTTL
0.4
0.4
0.4
V
VOL
output
voltage
IOL = 100 µA
LVCMOS
0.2
0.2
0.2
V
II
Input current
(leakage)
VDD = 3.6 V,
VI = 0 V to 3.9 V,
All others = 0 V to VDD
± 20
± 20
± 20
µA
IO
Output
current
(leakage)
VDD = 3.6 V,
VO = 0 V to VDD,
CASx high
± 20
± 20
± 20
µA
ICC1‡§
Average
read- or
write-cycle
current
VDD = 3.6 V,
Minimum cycle
1 620
1 260
1 080
mA
ICC2
Average
standby
VIH = 2 V (LVTTL),
After one memory cycle,
RASx and CASx high
36
36
36
mA
ICC2
standby
current
VIH = VDD – 0.2 V (LVCMOS),
After one memory cycle,
RASx and CASx high
18
18
18
mA
ICC3‡§
Average
refresh
current
(RASx-only
refresh
or CBR)
VDD = 3.6 V,
Minimum cycle,
RASx cycling,
CASx high (RASx-only refresh),
RASx low after CASx low (CBR)
1 620
1 260
1 080
mA
ICC4‡¶
Average
EDO current
VDD = 3.6 V,
tHPC = MIN,
RASx low,
CASx cycling
1 800
1 620
1 440
mA
† For conditions shown as MIN / MAX, use the appropriate value specified in the timing requirements.
‡ Measured with outputs open
§ Measured with a maximum of one address change while RASx = VIL
¶ Measured with a maximum of one address change during each EDO cycle, tHPC


Similar Part No. - TM4EP64CPN-60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4EP64DJN TI1-TM4EP64DJN Datasheet
679Kb / 43P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM4EP64DPN TI1-TM4EP64DPN Datasheet
679Kb / 43P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
More results

Similar Description - TM4EP64CPN-60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4EN64KPU TI1-TM4EN64KPU Datasheet
328Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32G TI1-TM497FBK32G Datasheet
174Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM2EP64DJN TI1-TM2EP64DJN Datasheet
679Kb / 43P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32 TI-TM497FBK32 Datasheet
170Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM497FBK32H TI1-TM497FBK32H Datasheet
209Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM2EJ64DPN TI1-TM2EJ64DPN Datasheet
312Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??SODIMM
TM4EP72BJB TI1-TM4EP72BJB Datasheet
248Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT BUFFERED DYNAMIC RAM MODULES
TM4EJ64KPU TI1-TM4EJ64KPU Datasheet
378Kb / 24P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??? SODIMM
logo
Samsung semiconductor
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com