Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16C2850IP40 Datasheet(PDF) 5 Page - Exar Corporation

Part # XR16C2850IP40
Description  3.3V AND 5V DUART WITH 128-BYTE FIFO
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16C2850IP40 Datasheet(HTML) 5 Page - Exar Corporation

  XR16C2850IP40 Datasheet HTML 1Page - Exar Corporation XR16C2850IP40 Datasheet HTML 2Page - Exar Corporation XR16C2850IP40 Datasheet HTML 3Page - Exar Corporation XR16C2850IP40 Datasheet HTML 4Page - Exar Corporation XR16C2850IP40 Datasheet HTML 5Page - Exar Corporation XR16C2850IP40 Datasheet HTML 6Page - Exar Corporation XR16C2850IP40 Datasheet HTML 7Page - Exar Corporation XR16C2850IP40 Datasheet HTML 8Page - Exar Corporation XR16C2850IP40 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
XR16C2850
3.3V AND 5V DUART WITH 128-BYTE FIFO
áç
áç
áç
áç
REV. 2.0.0
5
Pin type: I=Input, O=Output, I/O= Input/output, OD=Output Open Drain.
CLKSEL
-
-
25
I
Clock Pre-scaler select. Connect to VCC for divide by 1
(default) and GND for divide by 4. MCR[7] can override
the state of this pin following reset or initialization. See
Figure 6 and MCR[7].
CLK8/16
-
-
24
I
Transmit/Receive data sampling rate. Connect to VCC for
normal 16X sampling clock (standard baud rates, default)
or GND for 8X sampling clock to double the standard
baud rates, 2X.
RESET
35
39
36
I
Reset (active high) - A longer than 40 ns logic 1 pulse on
this pin will reset the internal registers and all outputs.
The UART transmitter output will be held at logic 1, the
receiver input will be ignored and outputs are reset during
reset period (see External Reset Conditions).
VCC
40
44
42
Pwr
3.3V or 5V power supply. Please note that the inputs are
not 5V tolerant when operating at 3.3V.
GND
20
22
17
Pwr
Power supply common, ground.
N.C.
none
none
12
No Connection. These pins are open, but typically, should
be connected to GND for good design practice.
NAME
40-PDIP
PIN #
44-PLCC
PIN #
48-TQFP
PIN #
TYPE
DESCRIPTION


Similar Part No. - XR16C2850IP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2850IP EXAR-XR16C2850IP Datasheet
728Kb / 44P
   DUAL UART WITH 128-byte FIFO?셲 AND RS-485 HALF DUPLEX CONTROL
More results

Similar Description - XR16C2850IP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2852 EXAR-XR16C2852 Datasheet
574Kb / 42P
   3.3V AND 5V DUART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2550IL-0B EXAR-XR16V2550IL-0B Datasheet
972Kb / 46P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2552 EXAR-XR16V2552_07 Datasheet
1Mb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16L2550 EXAR-XR16L2550_07 Datasheet
886Kb / 46P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com