Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16C2852IJ Datasheet(PDF) 4 Page - Exar Corporation

Part # XR16C2852IJ
Description  3.3V AND 5V DUART WITH 128-BYTE FIFO
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16C2852IJ Datasheet(HTML) 4 Page - Exar Corporation

  XR16C2852IJ Datasheet HTML 1Page - Exar Corporation XR16C2852IJ Datasheet HTML 2Page - Exar Corporation XR16C2852IJ Datasheet HTML 3Page - Exar Corporation XR16C2852IJ Datasheet HTML 4Page - Exar Corporation XR16C2852IJ Datasheet HTML 5Page - Exar Corporation XR16C2852IJ Datasheet HTML 6Page - Exar Corporation XR16C2852IJ Datasheet HTML 7Page - Exar Corporation XR16C2852IJ Datasheet HTML 8Page - Exar Corporation XR16C2852IJ Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
áç
áç
áç
áç
3.3V AND 5V DUART WITH 128-BYTE FIFO
XR16C2852
REV. 2.0.0
4
MFB#
19
O
Multi-Function Output ChannelB. This output pin can function as the OP2B#, BAUD-
OUTB#, or RXRDYB# pin. One of these output signal functions can be selected by
the user programmable bits 1-2 of the Alternate Function Register (AFR). These sig-
nal functions are described as follows:
1) OP2B# - When OP2B# (active low) is selected, the MF# pin is a logic 0 when MCR
bit-3 is set to a logic 1 (see MCR bit-3). MCR bit-3 defaults to a logic 1 condition after
a reset or power-up.
2) BAUDOUTB# - When BAUDOUTB# function is selected, the 16X Baud rate clock
output is available at this pin.
3) RXRDYB# - RXRDYB# (active low) is intended for monitoring DMA data transfers.
See Table 2 on page 7 for more details.
TXA
TXB
38
26
O
UART channel A or B Transmit Data or infrared encoder data. Standard transmit and
receive interface is enabled when MCR[6] = 0. In this mode, the TX signal will be a
logic 1 during reset or idle (no data). Infrared IrDA transmit and receive interface is
enabled when MCR[6] = 1. In the Infrared mode, the inactive state (no data) for the
Infrared encoder/decoder interface is a logic 0. If it is not used, leave it unconnected.
RXA
RXB
39
25
I
UART channel A or B Receive Data or infrared receive data. Normal receive data
input must idle at logic 1 condition. The infrared receiver pulses typically idles at logic
0 but can be inverted by software control prior going in to the decoder, see MCR[6]
and FCTR[2]. If this pin is not used, tie to VCC or pull it high via a 100k ohm resistor.
RTSA#
RTSB#
36
23
O
UART channel A or B Request-to-Send (active low) or general purpose output. This
output must be asserted prior to using auto RTS flow control, see EFR[6], MCR[1],
FCTR[1:0], EMSR[5:4] and IER[6].
CTSA#
CTSB#
40
28
I
UART channel A or B Clear-to-Send (active low) or general purpose input. It can be
used for auto CTS flow control, see EFR[7], and IER[7]. This input should be con-
nected to VCC when not used.
DTRA#
DTRB#
37
27
O
UART channel A or B Data-Terminal-Ready (active low) or general purpose output. If
this pin is not used, leave it unconnected.
DSRA#
DSRB#
41
29
I
UART channel A or B Data-Set-Ready (active low) or general purpose input. This
input should be connected to VCC when not used. This input has no effect on the
UART.
CDA#
CDB#
42
30
I
UART channel A or B Carrier-Detect (active low) or general purpose input. This input
should be connected to VCC when not used. This input has no effect on the UART.
RIA#
RIB#
43
31
I
UART channel A or B Ring-Indicator (active low) or general purpose input. This input
should be connected to VCC when not used. This input has no effect on the UART.
ANCILLARY SIGNALS
XTAL1
11
I
Crystal or external clock input.
XTAL2
13
O
Crystal or buffered clock output.
RESET
21
I
Reset (active high) - A longer than 40 ns logic 1 pulse on this pin will reset the internal
registers and all outputs. The UART transmitter output will be held at logic 1, the
receiver input will be ignored and outputs are reset during reset period (see External
Reset Conditions).
VCC
44, 33
Pwr
3.3V or 5V power supply. Please note that the inputs are not 5V tolerant when oper-
ating at 3.3V.
NAME
44-PLCC
PIN #
TYPE
DESCRIPTION


Similar Part No. - XR16C2852IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2852IJ EXAR-XR16C2852IJ Datasheet
853Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
XR16C2852IJ-F EXAR-XR16C2852IJ-F Datasheet
859Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
More results

Similar Description - XR16C2852IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2850 EXAR-XR16C2850 Datasheet
611Kb / 43P
   3.3V AND 5V DUART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2550IL-0B EXAR-XR16V2550IL-0B Datasheet
972Kb / 46P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2552 EXAR-XR16V2552_07 Datasheet
1Mb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16L2550 EXAR-XR16L2550_07 Datasheet
886Kb / 46P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com