Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W39L040T-70K Datasheet(PDF) 9 Page - Winbond

Part # W39L040T-70K
Description  512 K X 8 CMOS FLASH MEMORY
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39L040T-70K Datasheet(HTML) 9 Page - Winbond

Back Button W39L040T-70K Datasheet HTML 5Page - Winbond W39L040T-70K Datasheet HTML 6Page - Winbond W39L040T-70K Datasheet HTML 7Page - Winbond W39L040T-70K Datasheet HTML 8Page - Winbond W39L040T-70K Datasheet HTML 9Page - Winbond W39L040T-70K Datasheet HTML 10Page - Winbond W39L040T-70K Datasheet HTML 11Page - Winbond W39L040T-70K Datasheet HTML 12Page - Winbond W39L040T-70K Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
W39L040
Publication Release Date: February 10, 2003
- 9 -
Revision A3
Command Definitions
COMMAND
NO. OF
1ST CYCLE
2ND CYCLE
3RD CYCLE
4TH CYCLE
5TH CYCLE
6TH CYCLE
7TH CYCLE
DESCRIPTION
Cycles Addr.
(1)Data
Addr. Data
Addr. Data
Addr. Data
Addr. Data
Addr. Data
Addr. Data
Read
1
AIN DOUT
Chip Erase
6
5555 AA
2AAA 55
5555 80
5555 AA
2AAA 55
5555 10
Sector Erase
6
5555 AA
2AAA 55
5555 80
5555 AA
2AAA 55
SA(3) 30
Page Erase
6
5555 AA
2AAA 55
5555 80
5555 AA
2AAA 55
PA(4) 50
Byte Program
4
5555 AA
2AAA 55
5555 A0
AIN
DIN
Top Boot Block
Lockout –
64K/16KByte
6
5555 AA
2AAA 55
5555 80
5555 AA
2AAA 55
5555 40/70
7FFFF XX(5)
Bottom Boot Block
Lockout -
64K/16KByte
6
5555 AA
2AAA 55
5555 80
5555 AA
2AAA 55
5555 40/70
00000 XX(5)
Product ID Entry
3
5555 AA
2AAA 55
5555 90
Product ID Exit
(2)
3
5555 AA
2AAA 55
5555 F0
Product ID Exit
(2)
1
XXXX F0
Notes
1. Address Format: A14
− A0 (Hex); Data Format: DQ7 − DQ0 (Hex)
2. Either one of the two Product ID Exit commands can be used.
3. SA: Sector Address
SA = 7XXXXh for Unique Sector7
SA = 6XXXXh for Unique Sector6
SA = 5XXXXh for Unique Sector5
SA = 4XXXXh for Unique Sector4
SA = 3XXXXh for Unique Sector3
SA = 2XXXXh for Unique Sector2
SA = 1XXXXh for Unique Sector1
SA = 0XXXXh for Unique Sector0
4. PA: Page Address
PA = 7FXXXh for Page 15 in Sector7
PA = 7EXXXh for Page 14 in Sector7
PA = 6FXXXh to 60xxx for Page 15 to page 0 in Sector6
(Please reference to left column)
PA = 7DXXXh for Page 13 in Sector7
PA = 7CXXXh for Page 12 in Sector7
PA = 5FXXXh to 50xxx for Page 15 to page 0 in Sector5
(Please reference to left column)
PA = 7BXXXh for Page 11 in Sector7
PA = 7AXXXh for Page 10 in Sector7
PA = 4FXXXh to 40xxx for Page 15 to page 0 in Sector4
(Please reference to left column)
PA = 79XXXh for Page 9 in Sector7
PA = 78XXXh for Page 8 in Sector7
PA = 3FXXXh to 30xxx for Page 15 to page 0 in Sector3
(Please reference to left column)
PA = 77XXXh for Page 7 in Sector7
PA = 76XXXh for Page 6 in Sector7
PA = 2FXXXh to 20xxx for Page 15 to page 0 in Sector2
(Please reference to left column)
PA = 75XXXh for Page 5 in Sector7
PA = 74XXXh for Page 4 in Sector7
PA = 1FXXXh to 10xxx for Page 15 to page 0 in Sector1
(Please reference to left column)
PA = 73XXXh for Page 3 in Sector7
PA = 72XXXh for Page 2 in Sector7
PA = 0FXXXh to 00xxx for Page 15 to page 0 in Sector0
(Please reference to left column)
PA = 71XXXh for Page 1 in Sector7
PA = 70XXXh for Page 0 in Sector7
5. XX: Don't care


Similar Part No. - W39L040T-70K

ManufacturerPart #DatasheetDescription
logo
Winbond
W39L040A WINBOND-W39L040A Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
W39L040A70B WINBOND-W39L040A70B Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
W39L040A90B WINBOND-W39L040A90B Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
W39L040AP70B WINBOND-W39L040AP70B Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
W39L040AP70Z WINBOND-W39L040AP70Z Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
More results

Similar Description - W39L040T-70K

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F004TC-70 SPANSION-MBM29F004TC-70 Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
MBM29SL800TE-90 SPANSION-MBM29SL800TE-90 Datasheet
451Kb / 52P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TD-10 SPANSION-MBM29SL800TD-10 Datasheet
519Kb / 56P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
logo
Winbond
W29C512A WINBOND-W29C512A Datasheet
265Kb / 20P
   64 K x 8 CMOS FLASH MEMORY
logo
ELAN Microelectronics C...
EM25LV512 EMC-EM25LV512 Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
logo
Advanced Micro Devices
AM28F512 AMD-AM28F512 Datasheet
484Kb / 35P
   512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM29LV004 AMD-AM29LV004 Datasheet
455Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV004B AMD-AM29LV004B Datasheet
39Kb / 6P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F040B-09 SPANSION-AM29F040B-09 Datasheet
918Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29BL802C SPANSION-AM29BL802C Datasheet
768Kb / 46P
   8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com