Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16C2850CP40 Datasheet(PDF) 3 Page - Exar Corporation

Part # XR16C2850CP40
Description  3.3V AND 5V DUART WITH 128-BYTE FIFO
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16C2850CP40 Datasheet(HTML) 3 Page - Exar Corporation

  XR16C2850CP40 Datasheet HTML 1Page - Exar Corporation XR16C2850CP40 Datasheet HTML 2Page - Exar Corporation XR16C2850CP40 Datasheet HTML 3Page - Exar Corporation XR16C2850CP40 Datasheet HTML 4Page - Exar Corporation XR16C2850CP40 Datasheet HTML 5Page - Exar Corporation XR16C2850CP40 Datasheet HTML 6Page - Exar Corporation XR16C2850CP40 Datasheet HTML 7Page - Exar Corporation XR16C2850CP40 Datasheet HTML 8Page - Exar Corporation XR16C2850CP40 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
XR16C2850
3.3V AND 5V DUART WITH 128-BYTE FIFO
áç
áç
áç
áç
REV. 2.0.0
3
PIN DESCRIPTIONS
NAME
40-PDIP
PIN #
44-PLCC
PIN #
48-TQFP
PIN #
TYPE
DESCRIPTION
DATA BUS INTERFACE
A2
A1
A0
26
27
28
29
30
31
26
27
28
I
Address data lines [2:0]. These 3 address lines select
one of the internal registers in UART channel A/B during
a data bus transaction.
D7
D6
D5
D4
D3
D2
D1
D0
8
7
6
5
4
3
2
1
9
8
7
6
5
4
3
2
3
2
1
48
47
46
45
44
I/O
Data bus lines [7:0] (bidirectional).
IOR#
21
24
19
I
Input/Output Read Strobe (active low). The falling edge
instigates an internal read cycle and retrieves the data
byte from an internal register pointed to by the address
lines A2:A0. The data byte is placed on the data bus to
allow the host processor to read it on the rising edge.
IOR# must never be active together with IOW#.
IOW#
18
20
15
I
Input/Output Write Strobe (active low). The falling edge
instigates an internal write cycle and the rising edge
transfers the data byte on the data bus to an internal reg-
ister pointed by the address lines. IOW# must never be
active together with IOR#.
CSA#
CSB#
14
15
16
17
10
11
I
UART channel select (active low) to enable UART chan-
nel A or B in the device for data bus operation.
INTA
INTB
30
29
33
32
30
29
O
UART channel A or B Interrupt output. The output state is
defined by the user through the software setting of
MCR[3]. INTA or INTB is set to the active mode and
OP2A# or OP2B# output to a logic 0 when MCR[3] is set
to a logic 1. INTA or INTB is set to the three state mode
and OP2A# or OP2B# to a logic 1 when MCR[3] is set to
a logic 0 (default). See MCR[3].
TXRDYA#
TXRDYB#
-
-
1
12
43
6
O
UART channel A or B Transmitter Ready (active low).
The output provides the TX FIFO/THR status for transmit
channel A or B. See Table 2 on page 8. If it is not used,
leave it unconnected.
RXRDYA#
RXRDYB#
-
-
34
23
31
18
O
UART channel A or B Receiver Ready (active low). This
output provides the RX FIFO/RHR status for receive
channel A or B. See Table 2 on page 8. If it is not used,
leave it unconnected.
MODEM OR SERIAL I/O INTERFACE
TXA
TXB
11
12
13
14
7
8
O
UART channel A or B Transmit Data or infrared encoder
data. Standard transmit and receive interface is enabled
when MCR[6] = 0. In this mode, the TX signal will be a
logic 1 during reset or idle (no data). Infrared IrDA trans-
mit and receive interface is enabled when MCR[6] = 1. In
the Infrared mode, the inactive state (no data) for the
Infrared encoder/decoder interface is a logic 0. If it is not
used, leave it unconnected.


Similar Part No. - XR16C2850CP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2850CP EXAR-XR16C2850CP Datasheet
728Kb / 44P
   DUAL UART WITH 128-byte FIFO?셲 AND RS-485 HALF DUPLEX CONTROL
More results

Similar Description - XR16C2850CP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2852 EXAR-XR16C2852 Datasheet
574Kb / 42P
   3.3V AND 5V DUART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2550IL-0B EXAR-XR16V2550IL-0B Datasheet
972Kb / 46P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2552 EXAR-XR16V2552_07 Datasheet
1Mb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16L2550 EXAR-XR16L2550_07 Datasheet
886Kb / 46P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com