Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16C2850 Datasheet(PDF) 2 Page - Exar Corporation

Part # XR16C2850
Description  3.3V AND 5V DUART WITH 128-BYTE FIFO
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16C2850 Datasheet(HTML) 2 Page - Exar Corporation

  XR16C2850 Datasheet HTML 1Page - Exar Corporation XR16C2850 Datasheet HTML 2Page - Exar Corporation XR16C2850 Datasheet HTML 3Page - Exar Corporation XR16C2850 Datasheet HTML 4Page - Exar Corporation XR16C2850 Datasheet HTML 5Page - Exar Corporation XR16C2850 Datasheet HTML 6Page - Exar Corporation XR16C2850 Datasheet HTML 7Page - Exar Corporation XR16C2850 Datasheet HTML 8Page - Exar Corporation XR16C2850 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
áç
áç
áç
áç
3.3V AND 5V DUART WITH 128-BYTE FIFO
XR16C2850
REV. 2.0.0
2
FIGURE 2. PIN OUT ASSIGNMENT
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
D5
D6
D7
RXB
RXA
TXRDYB#
TXA
TXB
OP2B#
CSA#
CSB#
NC
RESET
DTRB#
DTRA#
RTSA#
OP2A#
RXRDYA#
INTA
INTB
A0
A1
A2
CLKSEL
XR16C2850
48-pin TQFP
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
D5
D6
D7
RXB
RXA
TXRDYB#
TXA
TXB
OP2B#
CSA#
CSB#
RESET
DTRB#
DTRA#
RTSA#
OP2A#
RXRDYA#
INTA
INTB
A0
A1
A2
XR16C2850
44-pin PLCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
D0
D1
D2
D3
D4
D5
D6
D7
RXB
RXA
TXA
TXB
OP2B#
CSA#
CSB#
XTAL1
XTAL2
IOW#
CDB#
GND
VCC
RIA#
CDA#
DSRA#
CTSA#
RESET
DTRB#
DTRA#
RTSA#
OP2A#
INTA
INTB
A0
A1
A2
CTSB#
RTSB#
RIB#
DSRB#
IOR#
ORDERING INFORMATION
PART NUMBER
(COMMERCIAL)
PACKAGE
OPERATING
TEMPERATURE RANGE
PART NUMBER
(INDUSTRIAL)
PACKAGE
OPERATING
TEMPERATURE RANGE
XR16C2850CP40
40-PDIP
0°C to +70°C
XR16C2850IP40
40-PDIP
-40°C to +85°C
XR16C2850CJ44
44-PLCC
0°C to +70°C
XR16C2850IJ44
44-PLCC
-40°C to +85°C
XR16C2850CM48
48-TQFP
0°C to +70°C
XR16C2850IM48
48-TQFP
-40°C to +85°C


Similar Part No. - XR16C2850

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2850 EXAR-XR16C2850 Datasheet
891Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
XR16C2850CJ EXAR-XR16C2850CJ Datasheet
728Kb / 44P
   DUAL UART WITH 128-byte FIFO?셲 AND RS-485 HALF DUPLEX CONTROL
XR16C2850CJ EXAR-XR16C2850CJ Datasheet
891Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
XR16C2850CM EXAR-XR16C2850CM Datasheet
728Kb / 44P
   DUAL UART WITH 128-byte FIFO?셲 AND RS-485 HALF DUPLEX CONTROL
XR16C2850CM EXAR-XR16C2850CM Datasheet
891Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
More results

Similar Description - XR16C2850

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2852 EXAR-XR16C2852 Datasheet
574Kb / 42P
   3.3V AND 5V DUART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2550IL-0B EXAR-XR16V2550IL-0B Datasheet
972Kb / 46P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2552 EXAR-XR16V2552_07 Datasheet
1Mb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16L2550 EXAR-XR16L2550_07 Datasheet
886Kb / 46P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com