Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W39L040Q-70K Datasheet(PDF) 5 Page - Winbond

Part # W39L040Q-70K
Description  512 K X 8 CMOS FLASH MEMORY
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39L040Q-70K Datasheet(HTML) 5 Page - Winbond

  W39L040Q-70K Datasheet HTML 1Page - Winbond W39L040Q-70K Datasheet HTML 2Page - Winbond W39L040Q-70K Datasheet HTML 3Page - Winbond W39L040Q-70K Datasheet HTML 4Page - Winbond W39L040Q-70K Datasheet HTML 5Page - Winbond W39L040Q-70K Datasheet HTML 6Page - Winbond W39L040Q-70K Datasheet HTML 7Page - Winbond W39L040Q-70K Datasheet HTML 8Page - Winbond W39L040Q-70K Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
W39L040
Publication Release Date: February 10, 2003
- 5 -
Revision A3
Logical Inhibit
Writing is inhibited by holding any one of #OE = VIL, #CE = VIH, or #WE = VIH. To initiate a write cycle
#CE and #WE must be a logical zero while #OE is a logical one.
Power-up Write and Read Inhibit
Power-up of the device with #WE = #CE = VIL and #OE = VIH will not accept commands on the rising
edge of #WE except 5mS delay (see the power up timing in AC Characteristics). The internal state
machine is automatically reset to the read mode on power-up.
Command Definitions
Device operations are selected by writing specific address and data sequences into the command
register. Writing incorrect address and data values or writing them in the improper sequence will reset
the device to the read mode. "Command Definitions" defines the valid register command sequences.
Read Command
The device will automatically power-up in the read state. In this case, a command sequence is not
required to read data. Standard microprocessor read cycles will retrieve array data. This default value
ensures that no spurious alteration of the memory content occurs during the power transition.
The device will automatically returns to read state after completing an Embedded Program or
Embedded Erase algorithm.
Refer to the AC Read Characteristics and Waveforms for the specific timing parameters.
Auto-select Command
Flash memories are intended for use in applications where the local CPU can alter memory contents.
As such, manufacture and device codes must be accessible while the device resides in the target
system. PROM programmers typically access the signature codes by raising A9 to a high voltage.
However, multiplexing high voltage onto the address lines is not generally a desirable system design
practice.
The device contains an auto-select command operation to supplement traditional PROM programming
methodology. The operation is initiated by writing the auto-select command sequence into the
command register. Following the command write, a read cycle from address XX00H retrieves the
manufacture code of DAH. A read cycle from address XX01H returns the device code (W39L040 =
B6hex).
To terminate the operation, it is necessary to write the auto-select exit command sequence into the
register.
Byte Program Command
The device is programmed on a byte-by-byte basis. Programming is a four-bus-cycle operation. The
program command sequence is initiated by writing two "unlock" write cycles, followed by the program
set-up command. The program address and data are written next, which in turn initiate the Embedded
program algorithm. Addresses are latched on the falling edge of #CE or #WE, whichever happens
later and the data is latched on the rising edge of #CE or #WE, whichever happens first. The rising
edge of #CE or #WE (whichever happens first) begins programming using the Embedded Program


Similar Part No. - W39L040Q-70K

ManufacturerPart #DatasheetDescription
logo
Winbond
W39L040A WINBOND-W39L040A Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
W39L040A70B WINBOND-W39L040A70B Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
W39L040A90B WINBOND-W39L040A90B Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
W39L040AP70B WINBOND-W39L040AP70B Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
W39L040AP70Z WINBOND-W39L040AP70Z Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
More results

Similar Description - W39L040Q-70K

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F004TC-70 SPANSION-MBM29F004TC-70 Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
MBM29SL800TE-90 SPANSION-MBM29SL800TE-90 Datasheet
451Kb / 52P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TD-10 SPANSION-MBM29SL800TD-10 Datasheet
519Kb / 56P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
logo
Winbond
W29C512A WINBOND-W29C512A Datasheet
265Kb / 20P
   64 K x 8 CMOS FLASH MEMORY
logo
ELAN Microelectronics C...
EM25LV512 EMC-EM25LV512 Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
logo
Advanced Micro Devices
AM28F512 AMD-AM28F512 Datasheet
484Kb / 35P
   512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM29LV004 AMD-AM29LV004 Datasheet
455Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV004B AMD-AM29LV004B Datasheet
39Kb / 6P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F040B-09 SPANSION-AM29F040B-09 Datasheet
918Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29BL802C SPANSION-AM29BL802C Datasheet
768Kb / 46P
   8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com