Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ1036DI Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOZ1036DI
Description  EZBuck??5A Synchronous Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1036DI Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOZ1036DI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1036DI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1036DI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1036DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1036DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1036DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1036DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1036DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1036DI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AOZ1036
Rev. 1.1 September 2010
www.aosmd.com
Page 4 of 17
Electrical Characteristics
TA = 25°C, VIN = VEN = 12V, VOUT = 3.3V unless otherwise specified. Specifications in BOLD indicate a temperature range of
-40°C to +85°C.
Symbol
Parameter
Conditions
Min.
Typ.
Max
Units
VIN
Supply Voltage
4.5
18
V
VUVLO
Input Under-voltage Lockout
Threshold
VIN rising
VIN falling
4.1
3.7
V
V
IIN
Supply Current (Quiescent)
IOUT = 0, VFB = 1.2V,
VEN >1.2V
1.6
2.5
mA
IOFF
Shutdown Supply Current
VEN = 0V
110
μA
VFB
Feedback Voltage
TA = 25°C
0.788
0.8
0.812
V
Load Regulation
0.5
%
Line Regulation
1
%
IFB
Feedback Voltage Input Current
200
nA
VEN
EN input threshold
Off threshold
On threshold
2
0.6
V
V
VHYS
EN Input hysteresis
100
mV
MODULATOR
fO
Frequency
400
500
600
kHz
DMAX
Maximum Duty Cycle
100
%
Ton_min
Minimum On Time
150
ns
Error Amplifier Voltage Gain
500
V / V
Error Amplifier Transconductance
200
μA / V
PROTECTION
ILIM
Current Limit
5.8
6.5
A
Over-temperature Shutdown Limit
TJ rising
TJ falling
150
100
°C
°C
tSS
Soft Start Interval
3
ms
OUTPUT STAGE
High-side Switch On-resistance
VIN = 12V
VIN = 5V
55
75
m
Ω
Low-side Switch On-resistance
VIN = 12V
VIN = 5V
19
23
m
Ω


Similar Part No. - AOZ1036DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1036 AOSMD-AOZ1036 Datasheet
677Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
AOZ1036PI AOSMD-AOZ1036PI Datasheet
677Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
More results

Similar Description - AOZ1036DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1037 AOSMD-AOZ1037 Datasheet
588Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ1053PI AOSMD-AOZ1053PI Datasheet
697Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ1037PI AOSMD-AOZ1037PI Datasheet
588Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ1036 AOSMD-AOZ1036 Datasheet
677Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
AOZ1036PI AOSMD-AOZ1036PI Datasheet
677Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
AOZ1037PI-01 AOSMD-AOZ1037PI-01 Datasheet
925Kb / 14P
   EZBuck™ 5A Synchronous Buck Regulator
Rev. 0.2 February 2012
AOZ1094AI AOSMD-AOZ1094AI Datasheet
813Kb / 19P
   EZBuck??5A Simple Buck Regulator
AOZ1014DI AOSMD-AOZ1014DI_09 Datasheet
533Kb / 19P
   EZBuck??5A Simple Buck Regulator
AOZ1014AI AOSMD-AOZ1014AI_09 Datasheet
533Kb / 19P
   EZBuck??5A Simple Buck Regulator
AOZ1094DI AOSMD-AOZ1094DI Datasheet
813Kb / 19P
   EZBuck??5A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com