Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83977TF-PW Datasheet(PDF) 10 Page - Winbond

Part # W83977TF-PW
Description  I/O chip disk drive adapter
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83977TF-PW Datasheet(HTML) 10 Page - Winbond

Back Button W83977TF-PW Datasheet HTML 6Page - Winbond W83977TF-PW Datasheet HTML 7Page - Winbond W83977TF-PW Datasheet HTML 8Page - Winbond W83977TF-PW Datasheet HTML 9Page - Winbond W83977TF-PW Datasheet HTML 10Page - Winbond W83977TF-PW Datasheet HTML 11Page - Winbond W83977TF-PW Datasheet HTML 12Page - Winbond W83977TF-PW Datasheet HTML 13Page - Winbond W83977TF-PW Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 154 page
background image
W83877TF
Publication Release Date: March 1998
- 47 -
Version 0.61
3.2.7 Interrupt Control Register (ICR) (Read/Write)
This 8-bit register allows the five types of controller interrupts to activate the interrupt output signal
separately. The interrupt system can be totally disabled by resetting bits 0 through 3 of the Interrupt
Control Register (ICR). A selected interrupt can be enabled by setting the appropriate bits of this
register to a logical 1.
0
0
0
1
2
3
4
5
6
7
0
0
RBR data ready interrupt enable (ERDRI)
TBR empty interrupt enable (ETBREI)
UART receive status interrupt enable (EUSRI)
Handshake status interrupt enable (EHSRI)
Bit 7-4: These four bits are always logic 0.
Bit 3: EHSRI. Setting this bit to a logical 1 enables the handshake status register interrupt.
Bit 2: EUSRI. Setting this bit to a logical 1 enables the UART status register interrupt.
Bit 1: ETBREI. Setting this bit to a logical 1 enables the TBR empty interrupt.
Bit 0: ERDRI. Setting this bit to a logical 1 enables the RBR data ready interrupt.
3.2.8 Programmable Baud Generator (BLL/BHL) (Read/Write)
Two 8-bit registers, BLL and BHL, compose a programmable baud generator that uses 24 MHz to
generate a 1.8461 MHz frequency and divides it by a divisor from 1 to 2
16-1. The output frequency of
the baud generator is the baud rate multiplied by 16, and this is the base frequency for the transmitter
and receiver. The table below illustrates the use of the baud generator with a frequency of 1.8461
MHz. In high-speed UART mode (refer to CR0C bit7 and CR0C bit6), the programmable baud
generator directly uses 24 MHz and the same divisor as the normal speed divisor. In high-speed
mode, the data transmission rate can be as high as 1.5M bps.


Similar Part No. - W83977TF-PW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF-PW WINBOND-W83977TF-PW Datasheet
1,000Kb / 160P
   WINBOND I/O
More results

Similar Description - W83977TF-PW

ManufacturerPart #DatasheetDescription
logo
Nanjing Qinheng Microel...
CH422 WCH-CH422 Datasheet
159Kb / 7P
   Digital Tube Display Drive I/O Extended chip
logo
NHP Electrical Engineer...
1794-ACN15 NHP-1794-ACN15 Datasheet
627Kb / 1P
   FLEX I/O CNET ADAPTER
7 June 2023,
1794-ADN NHP-1794-ADN Datasheet
657Kb / 1P
   FLEX I/O DNET ADAPTER
7 June 2023,
1719-AENTR NHP-1719-AENTR Datasheet
476Kb / 1P
   Ex I/O EtherNet/IP Adapter
8 June 2023,
logo
Winbond
W83757 WINBOND-W83757 Datasheet
1Mb / 29P
   SUPER I/O CHIP
logo
NHP Electrical Engineer...
1794-AENTR NHP-1794-AENTR Datasheet
664Kb / 1P
   FLEX I/O ENET ADAPTER DUAL PORT
7 June 2023,
logo
IBM
09N4268 IBM-09N4268 Datasheet
2Mb / 54P
   ThinkPad Hard Disk Drive
logo
Adam Technologies, Inc.
DDF-XX ADAM-TECH-DDF-XX Datasheet
80Kb / 1P
   DISK DRIVE FEMALE HOUSING
DDH-XX ADAM-TECH-DDH-XX Datasheet
80Kb / 1P
   DISK DRIVE MALE HOUSING
DDH-XXA ADAM-TECH-DDH-XXA Datasheet
83Kb / 1P
   DISK DRIVE POWER CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com