Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF30A Datasheet(PDF) 2 Page - Dc Components

Part # SMF30A
Description  RECTIFIER SPECIALISTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SMF30A Datasheet(HTML) 2 Page - Dc Components

  SMF30A Datasheet HTML 1Page - Dc Components SMF30A Datasheet HTML 2Page - Dc Components SMF30A Datasheet HTML 3Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
R
DC COMPONENTS CO., LTD.
RATING AND CHARACTERISTIC CURVES (SMF5.0A THRU SMF220CA)
0
TA, AMBIENT TEMPERATURE, (OC)
FIG. 2
PULSE DERATING CURVE
0
25
50
75
100
25
50
75
100
125
150
175
200
FIG. 3
PULSE WAVEFORM
tr = 10
µsec.
Pulse Width (td) is Defined
as the Point Where the Peak
Current Decays to 50% of IPPM
Peak Value
IPPM
HALF VALUE - IPPM
2
10/1000
µsec. Waveform
as Defined by R.E.A.
td
0
0
50
100
150
1.0
2.0
3.0
4.0
t, TIME, mS
10
100
500
1000
Measured at
Zero Bias
FIG. 4
TYPICAL JUNCTION CAPACITANCE
f = 1.0 MHz
Vsig = 50mVp-p
TJ = 25OC
Measured at
Stand off
Voltage, VWM
1.0
10
100
200
V(BR), BREAKDOWN VOLTAGE, VOLTS
5
10
15
20
25
30
FIG. 5
MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT UNIDIRECTIONAL
8.3ms Single Half Sine-Wave
(JEDEC Method)
NUMBER OF CYCLES AT 60 Hz
1
10
100
0
FIG. 1
PEAK PULSE POWER RATING CURVE
0.1
1.0
10
100
0.1
µS
1.0
µS
10
µS
100
µS
1.0mS
10mS
TP, PULSE WIDTH, sec
Non-Repetitive
Pulse Waveform
Shown in Fig.3
TA = 25OC
www.dccomponents.com
2
REV-1,DEC,2015


Similar Part No. - SMF30A

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SMF30A YFWDIODE-SMF30A Datasheet
88Kb / 4P
   Surface mounttransient voltage suppressor power 400 watts
logo
Vishay Siliconix
SMF30A VISHAY-SMF30A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
RFE international
SMF30A RFE-SMF30A Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor
11-07-2022
logo
Anova Technologies CO.,...
SMF30A ANOVA-SMF30A Datasheet
351Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
Vishay Siliconix
SMF30A VISHAY-SMF30A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results

Similar Description - SMF30A

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
   RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
   RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
   RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
   RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
   RECTIFIER SPECIALISTS
SS52F DCCOM-SS52F Datasheet
82Kb / 2P
   RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
   RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
   RECTIFIER SPECIALISTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com