Electronic Components Datasheet Search |
|
AP1156ADS14 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems |
|
AP1156ADS14 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems |
1 / 25 page [AP1156ADSXX] 014011333-E-00 - 1 - 2014/10 1. Genaral Description AP1156ADS series is a negative-input negative-output regulator IC using silicon monolithic bipolar structure which can supply 150mA output current. The output voltage can be set from -1.3 to -1.5V, which is trimmed in high accuracy. AP1156ADS is supplied with ON/OFF terminal and noise reduction terminal. The ON/OFF control can be controlled directly with positive logic or CPU. The over current, thermal and reverse bias protections are integrated. 2. Features Available to use a small 1.0μF ceramic capacitor Dropout Voltage VDROP=160mV at 100mA Output Current 150mA High Precision output voltage 2.0% or 60mV Wide operating voltage range -2.8V to -17.0V Very low quiescent current IQUT=155A at IOUT=0mA On/Off control (High active) Built-in Short circuit protection, thermal shutdown Built-in reverse bias over current protection Available very low noise application Very small surface mount package SOT23-5 3. Applications Battery Powered Systems DSC, CCD bias, GaAs bias AP1156ADSXX Negative Input / Output Voltage LDO Regulator |
Similar Part No. - AP1156ADS14 |
|
Similar Description - AP1156ADS14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |