Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1152ADU35 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AP1152ADU35
Description  14.5V Input / 300mA Output LDO Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1152ADU35 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AP1152ADU35 Datasheet HTML 3Page - Asahi Kasei Microsystems AP1152ADU35 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1152ADU35 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1152ADU35 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1152ADU35 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1152ADU35 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1152ADU35 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1152ADU35 Datasheet HTML 10Page - Asahi Kasei Microsystems AP1152ADU35 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
[AP1152ADSXX]
014011330-E-01
- 7 -
2014/12
10. Electrical Characteristics
■ Electrical Characteristics of Ta=Tj=25
C
The parameters with min or max values will be guaranteed at Ta=Tj=25C.
( VIN=Vout(typ)+1V,Vcont=1.8V,Ta=Tj=25C)
Parameter
Symbol
Condition
min
typ
max
Unit
Output Voltage
Vout
Iout = 5mA
(
Table 3, Table 4)
V
Line Regulation
LinReg
V
IN = 5V
-
0.0
6.0
mV
Load Regulation
LoaReg
Iout = 5mA ~ 100mA
(
Table 3, Table 4)
mV
Iout = 5mA ~ 200mA
Iout = 5mA ~ 300mA
Dropout Voltage (Note 2)
Vdrop
Iout = 100mA
-
105
170
mV
Iout = 200mA
-
170
270
Iout = 270mA
(2.1V≤Vout≤2.3V)
-
235
370
Iout = 300mA
(2.4V≤Vout)
-
235
370
Maximum Output Current
(Note
3)
IoutMAX
Vout=Vout(typ)0.9
380
480
-
mA
Short Circuit Current
(Note
3)
ISHORT
-
500
-
mA
Quiescent Current
Iq
Iout = 0mA
-
65
90
μA
Standby Current
Istandby
Vcont = 0V
-
0.0
0.1
μA
Ground Terminal Current
Ignd
Iout = 100mA
-
1.8
3.0
mA
Vcont Terminal
Vcont Terminal Current
Icont
Vcont = 1.8V
-
5.0
10.0
μA
Vcont Terminal Voltage
Vcont
Vout ON state
1.8
-
-
V
Vout OFF state
-
-
0.35
V
Note 2.
For Vout  2.0V, no regulations.
Note 3. The maximum output current is limited by power dissipation.


Similar Part No. - AP1152ADU35

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1152ADU33 AKM-AP1152ADU33 Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
More results

Similar Description - AP1152ADU35

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1152ADU25 AKM-AP1152ADU25 Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
AP1152ADU33 AKM-AP1152ADU33 Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
BCD Semiconductor Manuf...
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Rohm
BDXXGA3MEFJ-M ROHM-BDXXGA3MEFJ-M Datasheet
997Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
2021.10.11 Rev.002
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
BD00GA3MEFJ-ME2 ROHM-BD00GA3MEFJ-ME2 Datasheet
611Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com