Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1159ADSXX Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AP1159ADSXX
Description  14V Input / 100mA Low voltage Output LDO Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1159ADSXX Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AP1159ADSXX Datasheet HTML 2Page - Asahi Kasei Microsystems AP1159ADSXX Datasheet HTML 3Page - Asahi Kasei Microsystems AP1159ADSXX Datasheet HTML 4Page - Asahi Kasei Microsystems AP1159ADSXX Datasheet HTML 5Page - Asahi Kasei Microsystems AP1159ADSXX Datasheet HTML 6Page - Asahi Kasei Microsystems AP1159ADSXX Datasheet HTML 7Page - Asahi Kasei Microsystems AP1159ADSXX Datasheet HTML 8Page - Asahi Kasei Microsystems AP1159ADSXX Datasheet HTML 9Page - Asahi Kasei Microsystems AP1159ADSXX Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
[AP1159ADS]
Rev.
0.1
- 6 -
2014/09
10.
Elecric Characteristics
■ Electrical Characteristics of Ta=Tj=25
C
The parameters with min or max values will be guaranteed at Ta=Tj=25C.
(Ta =Tj= 25C
, VIN=2.1V, VCONT = 1.8V, unless otherwise specified)
Parameter
Symbol
Test Conditions
min
typ
Max
Unit
Output voltage
VOUT
IOUT = 5mA
(Table 2)
V
Line regulation
LINREG
V
IN = 5V
-
0.0
5.0
mV
Load regulation
LOAREG
IOUT= 5mA ~ 50mA
-
5.0
10.0
mV
IOUT= 5mA ~ 100mA
-
10.0
22.0
mV
Output current
IOUT
100
-
-
mA
Quiescent Current
IQ
IOUT = 0mA
-
110
160
A
Standby current
ISTANDBY
VCONT = 0V
-
0.0
0.1
A
Ground pin current
IGND
IOUT = 50mA
-
1.5
2.7
mA
Control pin
Control current
ICONT
VCONT = 1.8V
-
5.5
15.0
A
Control voltage
VCONT
VOUT ON state
1.8
-
-
V
VOUT OFF state
-
-
0.35
V
Reference value (Note 2)
Np pin voltage
VNP
-
0.8
-
V
VOUT drift
VOUT/TA
-
60
-
ppm/C
Output noise voltage
Vnoise
COUT=1.0F, CNP=0.01F
Iout=30mA
-
30
-
V
RMS
Ripple rejection (Note 3)
RR
VIN=2.1V, IOUT=10mA,
f=1kHz
COUT=1.0F, CNP=0.001F
-
48
-
dB
VIN=2.3V, IOUT=10mA,
f=1kHz
COUT=1.0F, CNP=0.001F
-
80
-
dB
Output rising time
tr
COUT=1.0F, CNP=0.001F
VCONT : pulse input(100Hz)
VCONT ON  Vout95%
point
-
120
-
s
Note 2. Reference value doesn’t guarantee.
Note 3. Ripple rejection is varied by output voltage and external components specifications.
Table 2. Standard Voltage Version
Parameter
Output voltage
MIN
TYP
MAX
V
V
V
AP1159ADS09
0.85
0.9
0.95
AP1159ADS10
0.95
1.0
1.05
AP1159ADS11
1.05
1.1
1.15
AP1159ADS12
1.15
1.2
1.25


Similar Part No. - AP1159ADSXX

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1159ADS HUAXINAN-AP1159ADS Datasheet
540Kb / 19P
   Low voltage Output LDO Regulator
More results

Similar Description - AP1159ADSXX

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1157ADVXX AKM-AP1157ADVXX Datasheet
1Mb / 32P
   14V Input / 100mA Output LDO Regulator
AP1153ADS33 AKM-AP1153ADS33 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADS21 AKM-AP1153ADS21 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADSXX AKM-AP1153ADSXX Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1154ADL50 AKM-AP1154ADL50 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1154ADL21 AKM-AP1154ADL21 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1150ADS33 AKM-AP1150ADS33 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1154ADLXX AKM-AP1154ADLXX Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1150ADS50 AKM-AP1150ADS50 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1150ADSXX AKM-AP1150ADSXX Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com