Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1152ADU34 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AP1152ADU34
Description  14.5V Input / 300mA Output LDO Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1152ADU34 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AP1152ADU34 Datasheet HTML 1Page - Asahi Kasei Microsystems AP1152ADU34 Datasheet HTML 2Page - Asahi Kasei Microsystems AP1152ADU34 Datasheet HTML 3Page - Asahi Kasei Microsystems AP1152ADU34 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1152ADU34 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1152ADU34 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1152ADU34 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1152ADU34 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1152ADU34 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
[AP1152ADUXX]
014011330-E-01
- 5 -
2014/12
7. Pin Configurations
Pin Configurations
(T op
View
)
5
4
3
2
1
Functions
Pin No.
Pin
Description
Internal Equivalent Circuit
Description
1
Np
Noise Bypass Terminal
Connect a bypass capacitor between GND.
2
GND
GND Terminal
3
VCONT
On/Off Control Terminal
The pull-down resister (500k) is built-in.
4
VIN
Input Terminal
5
VOUT
Output Terminal
VOUT
VIN
Vref
5
3
VCONT
320k
500k
Np
1


Similar Part No. - AP1152ADU34

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1152ADU33 AKM-AP1152ADU33 Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
More results

Similar Description - AP1152ADU34

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1152ADU25 AKM-AP1152ADU25 Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
AP1152ADU33 AKM-AP1152ADU33 Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
BCD Semiconductor Manuf...
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Rohm
BDXXGA3MEFJ-M ROHM-BDXXGA3MEFJ-M Datasheet
997Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
2021.10.11 Rev.002
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
BD00GA3MEFJ-ME2 ROHM-BD00GA3MEFJ-ME2 Datasheet
611Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com