Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1154ADLXX Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AP1154ADLXX
Description  14V Input / 1A Output LDO Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1154ADLXX Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AP1154ADLXX Datasheet HTML 1Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 2Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 3Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 4Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 5Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 6Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 7Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 8Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
[AP1154ADLXX]
014011332-E-01
- 4 -
2015/07
7. Pin Configurations and Functions
Pin Configuration
Functions
Pin
No.
Pin
Description
Internal Equivalent Circuit
Description
3
PCL
Vout
Vin
V
B.G.
PCL
Programmable Current Limitation
The output limitation current can be set by
an external resistance (RPCL). The RPCL is
connected between the PCL terminal and
GND. If there is no need of setting a
current limit, connect the PCL terminal to
GND.
2
Vout
Output Terminal
Connect a capacitor between the Vout
terminal and GND as follows.
Vout≥2.4V: Capacitance ≥ 1μF
Vout<2.4V:Capacitance ≥ 2.2μF
4
GND
-
GND Terminal
6
Vcont
On/Off Control Terminal
The On/Off voltages are as follows:
VCont≥1.8V : ON
VCont≤0.35V : OFF
Pull-down resistance (500kΩ) is built-in.
7
Vin
-
Input Terminal
Connect a capacitor of 1.0F or higher
between the Vin terminal and GND.
1
2
3
4
5
6
7
8
(Top View)
300k 
500k 
Cont


Similar Part No. - AP1154ADLXX

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1154ADLXX HUAXINAN-AP1154ADLXX Datasheet
1Mb / 32P
   Output LDO Regulator
More results

Similar Description - AP1154ADLXX

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1154ADL50 AKM-AP1154ADL50 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1154ADL21 AKM-AP1154ADL21 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1150ADS33 AKM-AP1150ADS33 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1157ADVXX AKM-AP1157ADVXX Datasheet
1Mb / 32P
   14V Input / 100mA Output LDO Regulator
AP1150ADS50 AKM-AP1150ADS50 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1153ADS33 AKM-AP1153ADS33 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADS21 AKM-AP1153ADS21 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1150ADSXX AKM-AP1150ADSXX Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1153ADSXX AKM-AP1153ADSXX Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1159ADSXX AKM-AP1159ADSXX Datasheet
540Kb / 19P
   14V Input / 100mA Low voltage Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com