Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3L8504S Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB3L8504S
Description  1:4 Differential Input to LVDS Fanout Buffer / Translator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3L8504S Datasheet(HTML) 3 Page - ON Semiconductor

  NB3L8504S_16 Datasheet HTML 1Page - ON Semiconductor NB3L8504S_16 Datasheet HTML 2Page - ON Semiconductor NB3L8504S_16 Datasheet HTML 3Page - ON Semiconductor NB3L8504S_16 Datasheet HTML 4Page - ON Semiconductor NB3L8504S_16 Datasheet HTML 5Page - ON Semiconductor NB3L8504S_16 Datasheet HTML 6Page - ON Semiconductor NB3L8504S_16 Datasheet HTML 7Page - ON Semiconductor NB3L8504S_16 Datasheet HTML 8Page - ON Semiconductor NB3L8504S_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NB3L8504S
www.onsemi.com
3
Table 3. ATTRIBUTES
Characteristics
Value
ESD Protection
Human Body Model
Machine Model
> 2 kV
> 200 V
RPU − Input Pull−up Resistor
RPD − Input Pull−down Resistor
50 k
W
50 k
W
CIN − Input Capacitance
4 pF
RIN − Input Impedance
10 k
W
Moisture Sensitivity (Note 2)
TSSOP−16
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
371
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
2. For additional information, see Application Note AND8003/D.
Table 4. MAXIMUM RATINGS
Symbol
Parameter
Condition
Rating
Unit
VDD
GND = 0 V
4.6
V
VIN
GND = 0 V
−0.5 to VDD +0.5
V
Iout
Continuous Current
Surge Current
LVDS Outputs
10
15
mA
mA
IOSC
Output Short Circuit Current
Line−to−Line (Q to Q)
Line−to−GND (Q or Q to GND)
Q or Q
Q to Q to GND
Continuous
Continuous
12
24
mA
mA
TA
Operating Temperature Range
TSSOP−16
−40 to +85
_C
Tstg
Storage Temperature Range
−65 to +150
_C
θJA
Thermal Resistance (Junction−to−Ambient) (Note 3)
0 lfpm
500 lfpm
TSSOP−16
TSSOP−16
138
108
_C/W
_C/W
θJC
Thermal Resistance (Junction−to−Case)
(Note 3)
TSSOP−16
33 − 36
_C/W
Tsol
Wave Solder (Pb−Free)
265
_C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
3. JEDEC standard multilayer board – 2S2P (2 signal, 2 power) with 8 filled thermal vias under exposed pad.


Similar Part No. - NB3L8504S_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3L8504SDTG ONSEMI-NB3L8504SDTG Datasheet
295Kb / 11P
   2.5 V / 3.3 V 1:4 Differential Input to LVDS Fanout Buffer
November, 2014 ??Rev. 1
NB3L8504SDTR2G ONSEMI-NB3L8504SDTR2G Datasheet
295Kb / 11P
   2.5 V / 3.3 V 1:4 Differential Input to LVDS Fanout Buffer
November, 2014 ??Rev. 1
More results

Similar Description - NB3L8504S_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L14S ONSEMI-NB6L14S_11 Datasheet
241Kb / 11P
   Differential Input to LVDS Fanout Buffer/Translator
October, 2011 ??Rev. 2
NB6N14S ONSEMI-NB6N14S Datasheet
176Kb / 10P
   3.3 V 1:4 AnyLevel Differential Input to LVDS Fanout Buffer/Translator
January, 2007 ??Rev. 3
NB6L14S ONSEMI-NB6L14S Datasheet
216Kb / 11P
   2.5 V 1:4 AnyLevel??Differential Input to LVDS Fanout Buffer/Translator
June, 2009 ??Rev. 0
NB6N14SMNGEVB ONSEMI-NB6N14SMNGEVB Datasheet
279Kb / 11P
   3.3 V 1:4 AnyLevel Differential Input to LVDS Fanout Buffer/Translator
September, 2013 ??Rev. 8
logo
Micrel Semiconductor
SY89833L MICREL-SY89833L Datasheet
156Kb / 10P
   3.3V, 2GHz ANY-DIFFERENTIAL INPUT-TO-LVDS 1:4 FANOUT BUFFER/TRANSLATOR W/ INTERNAL TERMINATION
logo
Cypress Semiconductor
CY2DL1504 CYPRESS-CY2DL1504 Datasheet
309Kb / 15P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL1504_1105 CYPRESS-CY2DL1504_1105 Datasheet
315Kb / 14P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
logo
Integrated Device Techn...
ICS8543BGILF IDT-ICS8543BGILF Datasheet
902Kb / 18P
   Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
ICS854104 RENESAS-ICS854104 Datasheet
747Kb / 16P
   Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
JANUARY 30, 2014
logo
Integrated Device Techn...
ICS8543-09 IDT-ICS8543-09 Datasheet
996Kb / 17P
   Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com