Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3L202KMNTXG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB3L202KMNTXG
Description  Differential 1:2 HCSL Fanout Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3L202KMNTXG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NB3L202KMNTXG Datasheet HTML 3Page - ON Semiconductor NB3L202KMNTXG Datasheet HTML 4Page - ON Semiconductor NB3L202KMNTXG Datasheet HTML 5Page - ON Semiconductor NB3L202KMNTXG Datasheet HTML 6Page - ON Semiconductor NB3L202KMNTXG Datasheet HTML 7Page - ON Semiconductor NB3L202KMNTXG Datasheet HTML 8Page - ON Semiconductor NB3L202KMNTXG Datasheet HTML 9Page - ON Semiconductor NB3L202KMNTXG Datasheet HTML 10Page - ON Semiconductor NB3L202KMNTXG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NB3L202K
www.onsemi.com
7
Figure 3. Typical Phase Noise Plot at fcarrier = 156.25 MHz at an Operating Voltage of 3.3 V, Room Temperature
The above phase noise data was captured using Agilent
E5052A/B. The data displays the input phase noise and
output phase noise used to calculate the additive phase jitter
at a specified integration range. The additive RMS phase
jitter contributed by the device (integrated between 12 kHz
and 20 MHz) is 45.7 fs.
The additive RMS phase jitter performance of the fanout
buffer is highly dependent on the phase noise of the input
source.
To obtain the most accurate additive phase noise
measurement, it is vital that the source phase noise be
notably lower than that of the DUT. If the phase noise of the
source is similar or greater than the device under test output,
the source noise will dominate the additive phase jitter
calculation and lead to an artificially low result for the
additive phase noise measurement within the integration
range.
Additive RMS phase jitter
+ RMS phase jitter of output2 * RMS phase jitter of input2
45.7 fs
+ 73.7 fs2 * 57.8 fs2


Similar Part No. - NB3L202KMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3L202KMNTXG ONSEMI-NB3L202KMNTXG Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
More results

Similar Description - NB3L202KMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L208K ONSEMI-NB3L208K_17 Datasheet
205Kb / 13P
   Differential 1:8 HCSL Fanout Buffer
October, 2017 ??Rev. 3
logo
Integrated Device Techn...
851010 IDT-851010 Datasheet
298Kb / 16P
   1-to-10, Differential HCSL Fanout Buffer
logo
Renesas Technology Corp
851010 RENESAS-851010 Datasheet
303Kb / 16P
   1-to-10, Differential HCSL Fanout Buffer
December 3, 2015
851021 RENESAS-851021 Datasheet
597Kb / 19P
   1-to-21, Differential HCSL Fanout Buffer
11/03/15
8V31012 RENESAS-8V31012 Datasheet
747Kb / 18P
   1-to-12, Differential HCSL Fanout Buffer
10/21/15
logo
Integrated Device Techn...
8V31012 IDT-8V31012 Datasheet
455Kb / 17P
   1-to-12, Differential HCSL Fanout Buffer
ICS851010I IDT-ICS851010I Datasheet
756Kb / 17P
   1-to-10, Differential HCSL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com