Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3L202K Datasheet(PDF) 8 Page - ON Semiconductor

Part # NB3L202K
Description  Differential 1:2 HCSL Fanout Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3L202K Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NB3L202K Datasheet HTML 4Page - ON Semiconductor NB3L202K Datasheet HTML 5Page - ON Semiconductor NB3L202K Datasheet HTML 6Page - ON Semiconductor NB3L202K Datasheet HTML 7Page - ON Semiconductor NB3L202K Datasheet HTML 8Page - ON Semiconductor NB3L202K Datasheet HTML 9Page - ON Semiconductor NB3L202K Datasheet HTML 10Page - ON Semiconductor NB3L202K Datasheet HTML 11Page - ON Semiconductor NB3L202K Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NB3L202K
www.onsemi.com
8
Table 6. ELECTRICAL CHARACTERISTICS − PHASE JITTER PARAMETERS
(VDD = VDD_O = 3.3 V ±10% or 2.5 V ±5%, TA = −40°C to 85°C)
Symbol
Parameter
Conditions (Notes 34 and 39)
Min
Typ
Max
Unit
tjphPCIeG1
Additive Phase Jitter
PCIe Gen 1 (Notes 35 and 36)
10
ps (p−p)
tjphPCIeG2
PCIe Gen 2 Lo Band
10 kHz < f < 1.5 MHz (Notes 35 and 38)
0.3
ps
(rms)
PCIe Gen 2 High Band
1.5 MHz < f < Nyquist (50 MHz)
(Notes 35 and 38)
0.7
ps
(rms)
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2−4 MHz, CDR = 10 MHz)
(Notes 35 and 38)
0.3
ps
(rms)
tjphQPI_SMI
QPI & SMI
(100.00 MHz or 133.33 MHz, 4.8 Gb/s,
6.4 Gb/s 12UI) (Notes 37 and 38)
0.3
ps
(rms)
QPI & SMI
(100.00 MHz, 8.0 Gb/s, 12UI) (Notes 37 and 38)
0.1
ps
(rms)
QPI & SMI
(100.00 MHz, 9.6 Gb/s, 12UI) (Notes 37 and 38)
0.1
ps
(rms)
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
34. Applies to all outputs.
35. See http://www.pcisig.com for complete specs
36. Sample size of at least 100K cycles. This figures extrapolates to 108 ps pk−pk @ 1M cycles for a BER of 1−12.
37. Calculated from Intel−supplied Clock Jitter Tool v 1.6.3.
38. For RMS figures, additive jitter is calculated by solving the following equation: (Additive jitter)2 = (total jitter)2
- (input jitter)2
39. Guaranteed by design and characterization, not tested in production


Similar Part No. - NB3L202K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3L202K ONSEMI-NB3L202K Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
NB3L202KMNG ONSEMI-NB3L202KMNG Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
NB3L202KMNTXG ONSEMI-NB3L202KMNTXG Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
More results

Similar Description - NB3L202K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L208K ONSEMI-NB3L208K_17 Datasheet
205Kb / 13P
   Differential 1:8 HCSL Fanout Buffer
October, 2017 ??Rev. 3
logo
Integrated Device Techn...
851010 IDT-851010 Datasheet
298Kb / 16P
   1-to-10, Differential HCSL Fanout Buffer
logo
Renesas Technology Corp
851010 RENESAS-851010 Datasheet
303Kb / 16P
   1-to-10, Differential HCSL Fanout Buffer
December 3, 2015
851021 RENESAS-851021 Datasheet
597Kb / 19P
   1-to-21, Differential HCSL Fanout Buffer
11/03/15
8V31012 RENESAS-8V31012 Datasheet
747Kb / 18P
   1-to-12, Differential HCSL Fanout Buffer
10/21/15
logo
Integrated Device Techn...
8V31012 IDT-8V31012 Datasheet
455Kb / 17P
   1-to-12, Differential HCSL Fanout Buffer
ICS851010I IDT-ICS851010I Datasheet
756Kb / 17P
   1-to-10, Differential HCSL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com