Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14046BFG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC14046BFG
Description  Phase Locked Loop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14046BFG Datasheet(HTML) 1 Page - ON Semiconductor

  MC14046BFG Datasheet HTML 1Page - ON Semiconductor MC14046BFG Datasheet HTML 2Page - ON Semiconductor MC14046BFG Datasheet HTML 3Page - ON Semiconductor MC14046BFG Datasheet HTML 4Page - ON Semiconductor MC14046BFG Datasheet HTML 5Page - ON Semiconductor MC14046BFG Datasheet HTML 6Page - ON Semiconductor MC14046BFG Datasheet HTML 7Page - ON Semiconductor MC14046BFG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 14
1
Publication Order Number:
MC14046B/D
MC14046B
Phase Locked Loop
The MC14046B phase locked loop contains two phase comparators,
a voltage−controlled oscillator (VCO), source follower, and zener
diode. The comparators have two common signal inputs, PCAin and
PCBin. Input PCAin can be used directly coupled to large voltage
signals, or indirectly coupled (with a series capacitor) to small voltage
signals. The self−bias circuit adjusts small voltage signals in the linear
region of the amplifier. Phase comparator 1 (an exclusive OR gate)
provides a digital error signal PC1out, and maintains 90
° phase shift at
the center frequency between PCAin and PCBin signals (both at 50%
duty cycle). Phase comparator 2 (with leading edge sensing logic)
provides digital error signals, PC2out and LD, and maintains a 0
°
phase shift between PCAin and PCBin signals (duty cycle is
immaterial). The linear VCO produces an output signal VCOout
whose frequency is determined by the voltage of input VCOin and the
capacitor and resistors connected to pins C1A, C1B, R1, and R2.
The source−follower output SFout with an external resistor is used
where the VCOin signal is needed but no loading can be tolerated.
The inhibit input Inh, when high, disables the VCO and source
follower to minimize standby power consumption. The zener diode
can be used to assist in power supply regulation.
Applications include FM and FSK modulation and demodulation,
frequency synthesis and multiplication, frequency discrimination,
tone decoding, data synchronization and conditioning,
voltage−to−frequency conversion and motor speed control.
Features
Buffered Outputs Compatible with Low−Power TTL
Diode Protection on All Inputs
Supply Voltage Range = 3.0 to 18 V
Pin−for−Pin Replacement for CD4046B
Phase Comparator 1 is an Exclusive OR Gate and is Duty Cycle
Limited
Phase Comparator 2 Switches on Rising Edges and is not Duty Cycle
Limited
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
− 0.5 to +18.0
V
Vin
Input Voltage Range (All Inputs)
− 0.5 to VDD + 0.5
V
Iin
DC Input Current, per Pin
±10
mA
PD
Power Dissipation, per Package (Note 1)
500
mW
TA
Operating Temperature Range
− 55 to +125
°C
Tstg
Storage Temperature Range
− 65 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Temperature Derating: “D/DW” Packages: –7.0 mW/
_C From 65_C To 125_C
http://onsemi.com
MARKING DIAGRAMS
SOIC−16 WB
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G
= Pb−Free Indicator
SOEIAJ−16
MC14046B
ALYWG
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
1
16
14046BG
AWLYYWW
This device contains protection circuitry to guard
against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid ap-
plications of any voltage higher than maximum rated
voltages to this high−impedance circuit. For proper op-
eration, Vin and Vout should be constrained to the range
VSS ≤ (Vin or Vout) ≤ VDD.
Unused inputs must always be tied to an appropriate
logic voltage level (e.g., either VSS or VDD). Unused out-
puts must be left open.
16
1
SOIC−16 WB
DW SUFFIX
CASE 751G
SOEIAJ−16
F SUFFIX
CASE 966


Similar Part No. - MC14046BFG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14046BF ONSEMI-MC14046BF Datasheet
117Kb / 8P
   Phase Locked Loop
August, 2005 ??Rev. 10
MC14046BFEL ONSEMI-MC14046BFEL Datasheet
117Kb / 8P
   Phase Locked Loop
August, 2005 ??Rev. 10
MC14046BFELG ONSEMI-MC14046BFELG Datasheet
117Kb / 8P
   Phase Locked Loop
August, 2005 ??Rev. 10
More results

Similar Description - MC14046BFG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
   PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
   PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com