Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3F8L3010C Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB3F8L3010C
Description  3:1:10 LVCMOS Fanout Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3F8L3010C Datasheet(HTML) 5 Page - ON Semiconductor

  NB3F8L3010C_16 Datasheet HTML 1Page - ON Semiconductor NB3F8L3010C_16 Datasheet HTML 2Page - ON Semiconductor NB3F8L3010C_16 Datasheet HTML 3Page - ON Semiconductor NB3F8L3010C_16 Datasheet HTML 4Page - ON Semiconductor NB3F8L3010C_16 Datasheet HTML 5Page - ON Semiconductor NB3F8L3010C_16 Datasheet HTML 6Page - ON Semiconductor NB3F8L3010C_16 Datasheet HTML 7Page - ON Semiconductor NB3F8L3010C_16 Datasheet HTML 8Page - ON Semiconductor NB3F8L3010C_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NB3F8L3010C
www.onsemi.com
5
Table 9. POWER SUPPLY DC CHARACTERISTICS VDD = 3.3 V ± 5% (3.135 V to 3.465 V) or VDD = 2.5 V ±5% (2.375 V to
2.625 V) and VDDOn = 3.3 V ± 5% (3.135 V to 3.465 V) or 2.5 V ± 5% (2.375 V to 2.625 V) or 1.8 V ± 0.2 V (1.6 V to 2.0 V) or 1.5 V ±
0.15 V (1.35 V to 1.65 V); TA = −40°C to 85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IDD
VDD Power Supply
Current
OE = 0, no load
3.3 V
± 5%; VDDOn = 3.3 V ± 5% or 2.5 V ± 5% or
1.8 V
± 0.2 V or 1.5 V ± 0.15 V
2.5 V
± 5%; VDDOn = 2.5 V ± 5% or 1.8 V ± 0.2 V
or 1.5 V
± 0.15 V
30
50
mA
IDDO
VDDO Power Supply
Current
OE = 0, no load
3.3 V
± 5%; VDDOn = 3.3 V ± 5% or 2.5 V ± 5% or
1.8 V
± 0.2 V or 1.5 V ± 0.15 V
2.5 V
± 5%; VDDOn = 2.5 V ± 5% or 1.8 V ± 0.2 V
or 1.5 V
± 0.15 V
5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
Table 10. DC CHARACTERISTICS TA = −40°C to 85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIH
LVCMOS / LVTTL Input High Voltage
(OE, SELx)
VDD = 3.3 V ±5%
VDD = 2.5 V ± 5%
2
1.7
VDD + 0.3
VDD + 0.3
V
VIL
LVCMOS / LVTTL Input Low Voltage
(OE, SELx)
VDD = 3.3 V ±5%
VDD = 2.5 V ± 5%
−0.3
−0.3
0.8
0.7
V
IIH
Input High Current
OE, SELx,
CLKx/CLKx
VDD = VIN = 3.465 V
VDD = VIN = 3.465 V or 2.625 V
150
150
mA
IIL
Input Low Current
OE, SELx
CLKx
CLKx
VDD = 3.465 V; VIN = 0.0 V
VDD = 3.465 V or 2.625 V VIN = 0.0 V
VDD = 3.465 V or 2.625 V VIN = 0.0 V
−5
−5
−150
mA
VOH
Output High Voltage (Note 4)
VDDOn = 3.3 V ± 5%
2.6
V
VDDOn = 2.5 V ± 5%
1.8
VDDOn = 1.8 V ± 0.2 V
1.2
VDDOn = 1.5 V ± 0.15 V
0.9
VOL
Output Low Voltage (Note 4)
VDDOn = 3.3 V ± 5% or 2.5 V ± 5%
0.5
V
VDDOn = 1.8 V ± 0.2 V
0.4
VDDOn = 1.5 V ± 0.15 V
0.37
VPP
Peak−to−Peak Input Voltage
VIL > −0.3 V
CLKx/CLKx
VDD = 3.3 V ±5% or VDD = 2.5 V ± 5%
0.15
1.3
V
VIHCMR
Input High Level Common Mode
Range
VCM = VIH; VIL > −0.3 V CLKx/CLKx
VDD = 3.3 V ±5% or VDD = 2.5 V ± 5%
0.5
VDD − 0.85
V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
4. Outputs terminated with 50
W to VDDOn/2. See Parameter Measurement Information..
Table 11. AC CHARACTERISTICS VDD = 3.3 V ± 5% (3.135 V to 3.465 V) or VDD = 2.5 V ±5% (2.375 V to 2.625 V) and
VDDOn = 3.3 V ± 5% (3.135 V to 3.465 V) or 2.5 V ± 5% (2.375 V to 2.625 V) or 1.8 V ± 0.2 V (1.6 V to 2.0 V) or 1.5 V ± 0.15 V (1.35 V
to 1.65 V); TA = −40°C to 85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
fMAX
Output Frequency
Using External
Crystal
10
50
MHz
Using External
Clock Source
(Note 5)
DC
200
MHz


Similar Part No. - NB3F8L3010C_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3F8L3010CMNG ONSEMI-NB3F8L3010CMNG Datasheet
117Kb / 13P
   3:1:10 LVCMOS Fanout Buffer
September, 2015 ??Rev. 6
NB3F8L3010CMNR4G ONSEMI-NB3F8L3010CMNR4G Datasheet
117Kb / 13P
   3:1:10 LVCMOS Fanout Buffer
September, 2015 ??Rev. 6
NB3F8L3010CMNTWG ONSEMI-NB3F8L3010CMNTWG Datasheet
117Kb / 13P
   3:1:10 LVCMOS Fanout Buffer
September, 2015 ??Rev. 6
More results

Similar Description - NB3F8L3010C_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3F8L3010C ONSEMI-NB3F8L3010C Datasheet
117Kb / 13P
   3:1:10 LVCMOS Fanout Buffer
September, 2015 ??Rev. 6
logo
Motorola, Inc
MPC9120 MOTOROLA-MPC9120 Datasheet
93Kb / 6P
   1:10 LVCMOS FANOUT BUFFER
logo
ON Semiconductor
NB3F8L3005C ONSEMI-NB3F8L3005C Datasheet
116Kb / 13P
   1:5 LVCMOS Fanout Buffer
October, 2013 ??Rev. 0
logo
Motorola, Inc
MPC9140 MOTOROLA-MPC9140 Datasheet
105Kb / 6P
   1:18 LVCMOS FANOUT BUFFER
logo
Asahi Kasei Microsystem...
AK8180D AKM-AK8180D Datasheet
832Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
logo
ON Semiconductor
NB3F8L3005C ONSEMI-NB3F8L3005C_15 Datasheet
118Kb / 13P
   2:1:5 LVCMOS Fanout Buffer
April, 2015 ??Rev. 1
logo
Integrated Device Techn...
87946I-147 IDT-87946I-147 Datasheet
211Kb / 14P
   1-to-10 Low Skew, LVCMOS/LVTTL Fanout Buffer
83905I IDT-83905I Datasheet
498Kb / 21P
   LVCMOS/ LVTTL Fanout Buffer
8302 IDT-8302 Datasheet
102Kb / 10P
   LVCMOS / LVTTL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com