Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100LVEP34 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC100LVEP34
Description  2.5V / 3.3V ECL Clock Generation Chip
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP34 Datasheet(HTML) 4 Page - ON Semiconductor

  MC100LVEP34_14 Datasheet HTML 1Page - ON Semiconductor MC100LVEP34_14 Datasheet HTML 2Page - ON Semiconductor MC100LVEP34_14 Datasheet HTML 3Page - ON Semiconductor MC100LVEP34_14 Datasheet HTML 4Page - ON Semiconductor MC100LVEP34_14 Datasheet HTML 5Page - ON Semiconductor MC100LVEP34_14 Datasheet HTML 6Page - ON Semiconductor MC100LVEP34_14 Datasheet HTML 7Page - ON Semiconductor MC100LVEP34_14 Datasheet HTML 8Page - ON Semiconductor MC100LVEP34_14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MC100LVEP34
http://onsemi.com
4
Table 5. 100EP DC CHARACTERISTICS, PECL VCC = 2.5 V, VEE = 0 V (Note 2)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
40
50
60
40
50
60
42
52
62
mA
VOH
Output HIGH Voltage (Note 3)
1355
1480
1605
1355
1480
1605
1355
1480
1605
mV
VOL
Output LOW Voltage (Note 3)
505
680
900
505
680
900
505
680
900
mV
VIH
Input HIGH Voltage (Single−Ended)
(Note 4)
1335
1620
1335
1620
1275
1620
mV
VIL
Input LOW Voltage (Single−Ended)
(Note 4)
505
900
505
900
505
900
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 4, Note 5)
1.2
3.3
1.2
3.3
1.2
3.3
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
2. Input and output parameters vary 1:1 with VCC.
3. All loading with 50
W to VCC − 2.0 V.
4. Do not use VBB at VCC < 3.0 V. Single−Ended input CLK pin operation is limited to VCC  3.0 V in PECL mode.
5. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Similar Part No. - MC100LVEP34_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP34D ONSEMI-MC100LVEP34D Datasheet
164Kb / 12P
   2.5V / 3.3V ECL /2, /4, /8 Clock Generation Chip
February, 2005 ??Rev. 7
MC100LVEP34D ONSEMI-MC100LVEP34D Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34DG ONSEMI-MC100LVEP34DG Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34DR2 ONSEMI-MC100LVEP34DR2 Datasheet
164Kb / 12P
   2.5V / 3.3V ECL /2, /4, /8 Clock Generation Chip
February, 2005 ??Rev. 7
MC100LVEP34DR2 ONSEMI-MC100LVEP34DR2 Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
More results

Similar Description - MC100LVEP34_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP34 ONSEMI-MC100LVEP34_06 Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34 ONSEMI-MC100LVEP34 Datasheet
164Kb / 12P
   2.5V / 3.3V ECL /2, /4, /8 Clock Generation Chip
February, 2005 ??Rev. 7
MC100LVEL38 ONSEMI-MC100LVEL38_16 Datasheet
242Kb / 7P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEL34 ONSEMI-MC100LVEL34_14 Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34 ONSEMI-MC100LVEL34 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100EL39 ONSEMI-MC100EL39_16 Datasheet
159Kb / 7P
   5 V ECL Clock Generation Chip
July, 2016 ??Rev. 8
MC100EL38 ONSEMI-MC100EL38 Datasheet
160Kb / 6P
   5V ECL Clock Generation Chip
July, 2016 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com