Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100LVEL90 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100LVEL90
Description  -3.3V / -5V Triple ECL Input to LVPECL Output Translator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL90 Datasheet(HTML) 2 Page - ON Semiconductor

  MC100LVEL90_16 Datasheet HTML 1Page - ON Semiconductor MC100LVEL90_16 Datasheet HTML 2Page - ON Semiconductor MC100LVEL90_16 Datasheet HTML 3Page - ON Semiconductor MC100LVEL90_16 Datasheet HTML 4Page - ON Semiconductor MC100LVEL90_16 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC100LVEL90
www.onsemi.com
2
D2
D1
Figure 1. Logic Diagram and Pinout: 20-Lead SOIC (Top View)
D1
17
18
16
15
14
13
12
4
3
567
8
9
Q0
11
10
Q1
Q1
Q2
Q2
VCC
D0
19
20
2
1
VCC Q0
D0
D2
VCC
VEE
GND
GND
ECL
LVPECL
ECL
LVPECL
ECL
LVPECL
Table 1. PIN DESCRIPTION
FUNCTION
ECL Inputs
LVPECL Outputs
ECL Reference Voltage Output
Positive Supply
Negative Supply
Ground
PIN
Dn, Dn
Qn, Qn
ECL VBB
VCC
VEE
GND
Warning: All VCC, VEE, and GND pins must be externally
connected to Power Supply to guarantee proper operation.
* All VCC pins are tied together on the die.
Table 2. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Power Supply
GND = 0 V
8 to 0
V
VEE
NECL Power Supply
GND = 0 V
−8 to 0
V
VI
NECL Mode Input Voltage
GND = 0 V
VI ≥ VEE
−6 to 0
V
Iout
Output Current
Continuous
Surge
50
100
mA
IBB
ECL VBB Sink/Source
± 0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
500 lfpm
SOIC−20 WB
90
60
°C/W
qJC
Thermal Resistance (Junction-to-Case)
Standard Board
SOIC−20 WB
30 to 35
°C/W
Tsol
Wave Solder
265
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.


Similar Part No. - MC100LVEL90_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL90DW ONSEMI-MC100LVEL90DW Datasheet
112Kb / 6P
   ??.3V / ??V Triple ECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100LVEL90DWG ONSEMI-MC100LVEL90DWG Datasheet
112Kb / 6P
   ??.3V / ??V Triple ECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100LVEL90DWR2 ONSEMI-MC100LVEL90DWR2 Datasheet
112Kb / 6P
   ??.3V / ??V Triple ECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100LVEL90DWR2G ONSEMI-MC100LVEL90DWR2G Datasheet
112Kb / 6P
   ??.3V / ??V Triple ECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100LVEL90 ONSEMI-MC100LVEL90_06 Datasheet
112Kb / 6P
   ??.3V / ??V Triple ECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com