Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W49V002A Datasheet(PDF) 11 Page - Winbond

Part # W49V002A
Description  256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49V002A Datasheet(HTML) 11 Page - Winbond

Back Button W49V002A Datasheet HTML 7Page - Winbond W49V002A Datasheet HTML 8Page - Winbond W49V002A Datasheet HTML 9Page - Winbond W49V002A Datasheet HTML 10Page - Winbond W49V002A Datasheet HTML 11Page - Winbond W49V002A Datasheet HTML 12Page - Winbond W49V002A Datasheet HTML 13Page - Winbond W49V002A Datasheet HTML 14Page - Winbond W49V002A Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Preliminary W49V002A
Publication Release Date: April 2001
- 11 -
Revision A1
Command Codes for Product Identification and Boot Block Lockout Detection
BYTE
SEQUENCE
SOFTWARE PRODUCT IDENTIFICATION /
BOOT BLOCK LOCKOUT DETECTION
ENTRY
SOFTWARE PRODUCT IDENTIFICATION /
BOOT BLOCK LOCKOUT DETECTION
EXIT (6)
ADDRESS
DATA
ADDRESS
DATA
1 Write
5555
AA
5555H
AAH
2 Write
2AAA
55
2AAAH
55H
3 Write
5555
90
5555H
F0H
Pause 10
µS
Pause 10
µS
Software Product Identification and Boot Block Lockout Detection Acquisition Flow
Product
Identification
Entry (1)
Load data 55
to
address 2AAA
Load data 90
to
address 5555
Pause 10 S
Product
Identification
and Boot Block
Lockout Detection
Mode (3)
Read address = 00000
data = DA
Read address = 00001
data = B0
Read address = 00002
DQ0 of data outputs = 1/0
(4)
Product
Identification Exit(6)
Load data 55
to
address 2AAA
Load data F0
to
address 5555
Normal Mode
(5)
(2)
(2)
Load data AA
to
address 5555
µ
Load data AA
to
address 5555
Pause 10 S
µ
Notes for software product identification/boot block lockout detection:
(1) Data Format: DQ7
−DQ0 (Hex); Address Format: A14−A0 (Hex)
(2) A1
−A17 = VIL; manufacture code is read for A0 = VIL; device code is read for A0 = VIH.
(3) The device does not remain in identification and boot block lockout detection mode if power down.
(4) If the DQ0 of output data is "1," the boot block programming lockout feature is activated; if the DQ0 of output data "0," the lockout feature
is inactivated and the block can be programmed.
(5) The device returns to standard operation mode.
(6) Optional 1-write cycle (write F0 hex at XXXX address) can be used to exit the product identification/boot block lockout detection.


Similar Part No. - W49V002A

ManufacturerPart #DatasheetDescription
logo
Winbond
W49V002 WINBOND-W49V002 Datasheet
300Kb / 32P
   256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W49V002 WINBOND-W49V002 Datasheet
351Kb / 23P
   256K x 8CMOS FLASH MEMORY WITH LPC INTERFACE
W49V002FA WINBOND-W49V002FA Datasheet
300Kb / 32P
   256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W49V002FAP WINBOND-W49V002FAP Datasheet
300Kb / 32P
   256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W49V002FAQ WINBOND-W49V002FAQ Datasheet
300Kb / 32P
   256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
More results

Similar Description - W49V002A

ManufacturerPart #DatasheetDescription
logo
Winbond
W49V002 WINBOND-W49V002 Datasheet
351Kb / 23P
   256K x 8CMOS FLASH MEMORY WITH LPC INTERFACE
W49V002FA WINBOND-W49V002FA Datasheet
300Kb / 32P
   256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040A WINBOND-W39V040A Datasheet
369Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V080A WINBOND-W39V080A Datasheet
356Kb / 34P
   1M 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040B WINBOND-W39V040B_07 Datasheet
336Kb / 33P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040C WINBOND-W39V040C Datasheet
352Kb / 36P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W39V040B WINBOND-W39V040B Datasheet
356Kb / 32P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com