Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ2H-L-2M-24V Datasheet(PDF) 7 Page - Nais(Matsushita Electric Works)

Part # TQ2H-L-2M-24V
Description  LOW PROFILE 2 FORM C RELAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

TQ2H-L-2M-24V Datasheet(HTML) 7 Page - Nais(Matsushita Electric Works)

  TQ2H-L-2M-24V Datasheet HTML 1Page - Nais(Matsushita Electric Works) TQ2H-L-2M-24V Datasheet HTML 2Page - Nais(Matsushita Electric Works) TQ2H-L-2M-24V Datasheet HTML 3Page - Nais(Matsushita Electric Works) TQ2H-L-2M-24V Datasheet HTML 4Page - Nais(Matsushita Electric Works) TQ2H-L-2M-24V Datasheet HTML 5Page - Nais(Matsushita Electric Works) TQ2H-L-2M-24V Datasheet HTML 6Page - Nais(Matsushita Electric Works) TQ2H-L-2M-24V Datasheet HTML 7Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TQ
139
Change of contact resistance
16. 0.1 A 53 V DC resistive load test
Change of pick-up and drop-out voltage
Change of contact resistance
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
No. of operations,
×104
Max.
Min.
No. of operations,
×104
Max.
Min.
Max.
Min.
0
500
1,000
1,500
2,000
10
20
30
40
50
60
70
80
90
100
Pick-up voltage
Drop-out voltage
No. of operations,
×104
Max.
Min.
0
500
1,000
1,500
2,000
10
20
30
40
50
60
70
80
90
100
17.-(1) Distribution of M.B.B. time
Sample: TQ2-2M-5V, 85 pcs.
Terminal Nos. 2-3-4: ON
Terminal Nos. 2-3-4: OFF
19
19
26
4
0
10
20
30
40
50
60
100 150
100
200
150
250
200
300
250
350
µs max.
300
µs min.
50
50
10
17
x:105.6
µs
3
σn-1: 163.8 µs
Min.: 23
µs
Max.:243
µs
0
10
20
30
40
50
60
100 150
100
200
150
250
200
300
250
350
µs max.
300
µs min.
50
50
10
x:71.6
µs
3
σn-1: 127.1 µs
Min.: 17
µs
Max.:187
µs
41
27
10
7
17.-(2) Distribution of M.B.B. time
Sample: TQ2-2M-5V, 85 pcs.
Terminal Nos. 7-8-9: ON
Terminal Nos. 7-8-9: OFF
0
10
20
30
40
50
60
15
21
30
11
6
2
100 150
100
200
150
250
200
300
250
350
µs max.
300
µs min.
50
50
10
x:115.6
µs
3
σn-1: 167.3 µs
Min.:35
µs
Max.:254
µs
0
10
20
30
40
50
60
31
35
12
4
2
1
100 150
100
200
150
250
200
300
250
350
µs max.
300
µs min.
50
50
10
x:80.7
µs
3
σn-1: 156.7 µs
Min.: 29
µs
Max.:298
µs
For Cautions for Use, see Page 178 and 179.
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - TQ2H-L-2M-24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ2H-L-24V PANASONIC-TQ2H-L-24V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
TQ2H-L-24V PANASONIC-TQ2H-L-24V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
More results

Similar Description - TQ2H-L-2M-24V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
IXYS Corporation
LCC110 IXYS-LCC110 Datasheet
148Kb / 9P
   1-Form-C OptoMOS Relay
LCC120 IXYS-LCC120 Datasheet
133Kb / 8P
   1-Form-C OptoMOS Relay
logo
Hongfa Technology
HFD27 HONGFA-HFD27_17 Datasheet
59Kb / 3P
   2 Form C configuration
logo
Fujitsu Component Limit...
FTR-B2 FUJITSU-FTR-B2 Datasheet
143Kb / 8P
   4 POLE (2 FORM C 2 FORM A) SIGNAL RELAY FOR CENTRAL SWITCHING/ DATA TRANSMISSION
FTR-B2 FUJITSU-FTR-B2_06 Datasheet
1Mb / 8P
   4 Pole (2 FORM C 2 FORM A) Signal Relay for Central Switching/ Data Transmission
logo
Solid State Optronic
AD6C223 SSOUSA-AD6C223 Datasheet
223Kb / 6P
   1 Form C Solid State Relay
logo
Adam Technologies, Inc.
RSY-1C-12V ADAM-TECH-RSY-1C-12V Datasheet
84Kb / 1P
   RELAY 1 FORM C SEALED TYPE
RSC-A-1C-X-S ADAM-TECH-RSC-A-1C-X-S Datasheet
91Kb / 1P
   RELAY 1 FORM C SEALED TYPE
logo
Nais(Matsushita Electri...
CQ1-12V NAIS-CQ1-12V Datasheet
51Kb / 3P
   1 FORM C AUTOMOTIVE QUIET RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com