Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQXV-63 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # IQXV-63
Description  VCXO Specification
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQXV-63 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  IQXV-63 Datasheet HTML 1Page - IQD Frequency Products Ltd IQXV-63 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IQXV-63
VCXO Specification
ISSUE 1; April 2016
Outline (mm)
Description
Voltage controlled crystal oscillator in a ceramic package with
a hermetically sealed metal lid
Frequency Parameters
Frequency
1.0MHz to 77.76MHz
Frequency Stability
±20.00ppm to ±50.00ppm
Ageing (@ 25°C): ±3ppm max
Electrical Parameters
2.5V ±5%
Supply Voltage
Frequency Adjustment
Pulling
±50ppm min
Control Voltage
1.25V ±1.05V
Input Impedence
2MΩ min
Linearity: ±10% max
Operating Temperature Ranges
0 to 70°C
-40 to 85°C
Output Details
Output Compatability
HCMOS
Drive Capability
15pF max
Start Up Time: 10ms max
Output Control
Standby Operation:
Logic '1' (>70% Vs) to pad 2 enables oscillator output
Logic '0' (<30% Vs) to pad 2 disables oscillator output: when
disabled the oscillator output goes to the high impedance state
No connection pad 2 enables oscillator output
Output Levels
VoH: >90% of Vs
VoL: <10% of Vs
Noise Parameters
Period Jitter (pk-pk): 100ps max
Period Jitter (one sigma): 25ps max
Environmental Parameters
Storage Temperature Range: -55 to 125°C
Drop: 1.2m drop (3 times) onto a hard surface
Vibration: 1.5mm amplitude, 10-55-10Hz, full sine wave, 2mins
in 3 mutually perpendicular planes, duration 2hrs in each
plane
Printed on 26 Apr 16 15:15 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQXV-63

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXV-60 IQD-IQXV-60 Datasheet
132Kb / 2P
   VCXO Specification
IQXV-61 IQD-IQXV-61 Datasheet
133Kb / 2P
   VCXO Specification
More results

Similar Description - IQXV-63

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXV-41 IQD-IQXV-41 Datasheet
300Kb / 2P
   VCXO Specification
IQXV-50 IQD-IQXV-50 Datasheet
290Kb / 2P
   VCXO Specification
IQXV-93 IQD-IQXV-93 Datasheet
158Kb / 3P
   VCXO Specification
IQXV-110 IQD-IQXV-110 Datasheet
288Kb / 2P
   VCXO Specification
CFPV-44 IQD-CFPV-44 Datasheet
820Kb / 2P
   VCXO Specification
IQXV-84 IQD-IQXV-84 Datasheet
194Kb / 3P
   VCXO Specification
IQXV-30 IQD-IQXV-30 Datasheet
314Kb / 2P
   VCXO Specification
IQXV-52 IQD-IQXV-52 Datasheet
290Kb / 2P
   VCXO Specification
CFPV-41 IQD-CFPV-41 Datasheet
819Kb / 2P
   VCXO Specification
CFPV-43 IQD-CFPV-43 Datasheet
807Kb / 2P
   VCXO Specification
CFPV-59 IQD-CFPV-59 Datasheet
392Kb / 2P
   VCXO Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com