Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5572EN Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK5572EN
Description  2-Channel Differential 32-bit ?꾬걪 ADC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5572EN Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK5572EN Datasheet HTML 1Page - Asahi Kasei Microsystems AK5572EN Datasheet HTML 2Page - Asahi Kasei Microsystems AK5572EN Datasheet HTML 3Page - Asahi Kasei Microsystems AK5572EN Datasheet HTML 4Page - Asahi Kasei Microsystems AK5572EN Datasheet HTML 5Page - Asahi Kasei Microsystems AK5572EN Datasheet HTML 6Page - Asahi Kasei Microsystems AK5572EN Datasheet HTML 7Page - Asahi Kasei Microsystems AK5572EN Datasheet HTML 8Page - Asahi Kasei Microsystems AK5572EN Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
[AK5572]
015016766-E-00
2015/12
- 4 -
5. Pin Configurations and Functions
Pin Configurations
* The exposed pad at back face of the package must be open or connected to the ground.
Figure 2. Pin Configurations
DIF0/DSDSEL0
DIF1/DSDSEL1
TDM0
TDM1
PSN/CAD0_SPI
I2C
DP
HPFE/DCKS
LDOE
ODP
AIN1P
AIN1N
48QFN
TOP VIEW
24
23
22
21
20
19
18
17
16
15
14
13
37
38
39
40
41
42
43
44
45
46
47
48
Exposed Pad (Back Face) *
MSN
PW2
PW1
PW0
PDN
VDD18
DVSS
TVDD
MCLK
TEST
TESTIN6
TESTIN5


Similar Part No. - AK5572EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
logo
HuaXinAn Electronics CO...
AK5572VN HUAXINAN-AK5572VN Datasheet
133Kb / 5P
   ADC with 4Filters
logo
Asahi Kasei Microsystem...
AK5572VN AKM-AK5572VN Datasheet
133Kb / 5P
   120dB 768kHz 32-bit 2ch ADC with 4Filters
More results

Similar Description - AK5572EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5536 AKM-AK5536 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5534 AKM-AK5534 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ?꾬걪 ADC
AK5536VN AKM-AK5536VN Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5576EN AKM-AK5576EN Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5578EN AKM-AK5578EN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ?꾬걪 ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5552 AKM-AK5552 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com