Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQXT-318-12 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # IQXT-318-12
Description  TCXO Specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQXT-318-12 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  IQXT-318-12 Datasheet HTML 1Page - IQD Frequency Products Ltd IQXT-318-12 Datasheet HTML 2Page - IQD Frequency Products Ltd IQXT-318-12 Datasheet HTML 3Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IQXT-318
TCXO Specification
ISSUE 1; January 2016
Outline (mm)
Example Phase Noise @ 19.20MHz
Example Phase Noise @ 26.00MHz
Description
The IQXT-318 uses ASIC technology and is designed to meet
the short and medium term stability requirements of packet
network synchronisation for Small Cells. The oscillator has low
jitter to meet network interface requirements (e.g. 10GE) and
low phase noise to meet radio interface requirements of LTE-A
(TS 36.104) and WCDMA (TS 25.104) transceivers. The
IQXT-318 is the ideal choice for Small Cell synchronisation
requirements.
FEATURES:
Patented ‘varactor linearisation’ removes the effects of tilt
when using voltage control.
HCMOS and Clipped Sinewave output options available.
LTE phase noise compliant.
Temperature sensor option.
APPLICATIONS:
Small Cells -
WCDMA
LTE
LTE‐A
Standard Frequencies: 19.20MHz, 25.0MHz, 24.5760MHz,
26.0MHz, 30.720MHz, 38.40MHz and 40.0MHz.
Frequency Parameters
Frequency
19.2MHz to 40.0MHz
±1.00ppm
Frequency Tolerance
@ 25°C ±1°C
Tolerance Condition
In‐service Short-term Frequency Stability (all effects for
24hrs): ±50ppb to ±250ppb
Ageing:
±20ppb max/day
±200ppb max/month
±1ppm max/year
±3ppm max over 10yrs
Frequency Slope ΔF/ΔT (in still air): ±20ppb/°C to ±100ppb/°C
Acceleration Sensitivity (gamma vector of all 3 axes from 30 to
1500Hz): Typically 2ppb/G max
Supply Voltage Variation (±2% change @ 25°C ref to
frequency @ nominal Vs): ±10ppb typ
Load Variation:
HCMOS (±1pF change @ 25°C ref to frequency @ nominal
load): ±10ppb typ
Clipped Sine (±2% change @ 25°C ref to frequency @
nominal load): ±10ppb typ
Reflow Variation (after 1hr recovery @ 25°C): ±0.5ppm max
Temperature Rate of Change (maximum rate of change of
temperature condition for guaranteed stability specifications):
1°C/min max
Electrical Parameters
Supply Voltage Range: 2.5V to 5.7V
(Standard Voltages are 3.0 & 3.3; other values available on
request)
Supply Current:
HCMOS: 4mA typ
Clipped Sine: 2mA typ
Printed on 26 Apr 16 12:03 using Model Data Sheet V1.2550
Page 1 of 3
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQXT-318-12

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXT-311 IQD-IQXT-311 Datasheet
326Kb / 2P
   TCXO Specification
IQXT-312 IQD-IQXT-312 Datasheet
141Kb / 3P
   TCXO Specification
IQXT-313 IQD-IQXT-313 Datasheet
198Kb / 3P
   VCTCXO Specification
IQXT-314 IQD-IQXT-314 Datasheet
441Kb / 2P
   TCXO Specification
IQXT-314-1 IQD-IQXT-314-1 Datasheet
441Kb / 2P
   TCXO Specification
More results

Similar Description - IQXT-318-12

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
E3179LF IQD-E3179LF Datasheet
956Kb / 2P
   TCXO Specification
IQXT-260 IQD-IQXT-260 Datasheet
317Kb / 4P
   TCXO Specification
IQXT-315 IQD-IQXT-315 Datasheet
430Kb / 2P
   TCXO Specification
IQXT-140-3.3V IQD-IQXT-140-3.3V Datasheet
1Mb / 2P
   TCXO Specification
IQXT-312 IQD-IQXT-312 Datasheet
141Kb / 3P
   TCXO Specification
LFTCXO070898 IQD-LFTCXO070898 Datasheet
246Kb / 2P
   TCXO Specification
LFTCXO075796 IQD-LFTCXO075796 Datasheet
140Kb / 2P
   TCXO Specification
LFTCXO079058 IQD-LFTCXO079058 Datasheet
117Kb / 1P
   TCXO Specification
V1.0020
LFTCXO063784 IQD-LFTCXO063784_V01 Datasheet
497Kb / 2P
   TCXO Specification
V1.0018
IQXT-282 IQD-IQXT-282 Datasheet
133Kb / 2P
   TCXO Specification
IQXT-291 IQD-IQXT-291 Datasheet
133Kb / 2P
   TCXO Specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com