Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC8122QP Datasheet(PDF) 10 Page - Vitesse Semiconductor Corporation

Part # VSC8122QP
Description  Multi-Rate SONET/SDH Clock and Data Recovery IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8122QP Datasheet(HTML) 10 Page - Vitesse Semiconductor Corporation

Back Button VSC8122QP Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8122QP Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8122QP Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8122QP Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8122QP Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8122QP Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8122QP Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8122QP Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8122QP Datasheet HTML 14Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Data Sheet
VSC8122
Multi-Rate SONET/SDH
Clock and Data Recovery IC
VITESSE
SEMICONDUCTOR CORPORATION
Page 10
G52228-0, Rev 4.1
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
NOTE:
(1) No connect (NC) pins must be left unconnected, or floating. Connecting any of these pins to either the positive or neg-
ative power supply rails may cause improper operation or failure of the device, or in extreme cases, cause permanent
damage to the device.
35
VCC
I
+3.3V typ.
Positive power supply
36
VEE
I
GND typ.
Negative power supply
37
VCC
I
+3.3V typ.
Positive power supply
38
DO-
O
HS
High-speed data output, complement.
39
DO+
O
HS
High-speed data output, true
40
VCC
I
+3.3V typ.
Positive power supply
41
VEE
I
GND typ.
Negative power supply
42
VCC
I
+3.3V typ.
Positive power supply
43
VEE
I
GND typ.
Negative power supply
44
REFCK1-
I
LVPECL
Reference clock 1 input, complement
45
REFCK1+
I
LVPECL
Reference clock 1 input, true
46
REFCK0-
I
LCPECL
Reference clock 0 input, complement
47
REFCK0+
I
LVPECL
Reference clock 0 input, true
48
VEE
I
GND typ.
GND power supply
49
VCC
I
+3.3V typ.
Positive power supply
50
REF_SEL[0]
I
Reference clock rate select pin 0
51
REF_SEL[1]
I
Reference clock rate select pin 1
52
VCC
I
+3.3V typ.
Positive power supply
53
VEE
I
GND typ.
Negative power supply
54
VEE
I
GND typ.
Negative power supply
55
VCC
I
+3.3V typ.
Positive power supply
56
DI-
I
HS
High-speed data input, complement
57
DI+
I
HS
High-speed data input, true
58
VCC
I
+3.3V typ.
Positive power supply
59
VTERM
I
0V->3.3V
High-speed data input termination voltage (may be connected
to ground through a series AC-coupling capacitor)
60
VEE
I
GND typ.
Negative power supply
61
VCC
I
+3.3V typ.
Positive power supply
62
NC
——
No connect, leave unconnected
63
VCC
I
+3.3V typ.
Positive power supply
64
NC
——
No connect, leave unconnected(1)
Pin #
Name
I/O
Level
Description


Similar Part No. - VSC8122QP

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8121 VITESSE-VSC8121 Datasheet
176Kb / 18P
   2.488GHz SONET/SDH Clock Generator
VSC8121QI VITESSE-VSC8121QI Datasheet
176Kb / 18P
   2.488GHz SONET/SDH Clock Generator
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
   10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
VSC8124 VITESSE-VSC8124 Datasheet
648Kb / 20P
   Target Specification
More results

Similar Description - VSC8122QP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5020 ETC1-SI5020 Datasheet
335Kb / 18P
   SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
S3076 ETC1-S3076 Datasheet
158Kb / 18P
   MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
logo
Silicon Laboratories
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
List of Unclassifed Man...
SI5010 ETC-SI5010 Datasheet
287Kb / 16P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Silicon Laboratories
SI5010 SILABS-SI5010 Datasheet
276Kb / 20P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
NXP Semiconductors
TZA3004HL PHILIPS-TZA3004HL Datasheet
276Kb / 24P
   SDH/SONET data and clock recovery unit STM1/4 OC3/12
1998 Feb 09
logo
Silicon Laboratories
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
List of Unclassifed Man...
SI5318 ETC-SI5318 Datasheet
593Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com