Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT86VX38AIB329 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT86VX38AIB329
Description  8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
Download  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VX38AIB329 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT86VX38AIB329 Datasheet HTML 5Page - Exar Corporation XRT86VX38AIB329 Datasheet HTML 6Page - Exar Corporation XRT86VX38AIB329 Datasheet HTML 7Page - Exar Corporation XRT86VX38AIB329 Datasheet HTML 8Page - Exar Corporation XRT86VX38AIB329 Datasheet HTML 9Page - Exar Corporation XRT86VX38AIB329 Datasheet HTML 10Page - Exar Corporation XRT86VX38AIB329 Datasheet HTML 11Page - Exar Corporation XRT86VX38AIB329 Datasheet HTML 12Page - Exar Corporation XRT86VX38AIB329 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 191 page
background image
XRT86VX38A
6
REV. 1.0.0
8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
Receive SSM Match 2 Register
RSSMMR2
0xN173
Receive SSM Match 3 Register
RSSMMR3
0xN174
Transmit SSM Register
TSSMR
0xN175
Transmit SSM Byte Count Register
TSSMBCR
0xN176
Receive FAS Si Register
RFASSiR
0xN177
Transmit FAS Si Register
TFASSiR
0xN178
Transmit SS7 Forward Sequence Number (FSN) Register
TSS7FSNR
0xN17A - 0xN17C
Transmit SS7 Backward Sequence Number (BSN) Register
TSS7BSNR
0xN17D - 0xN17F
Receive DS-0 Monitor Registers
RDS0MR
0xN15F - 0xN1CF
Transmit DS-0 Monitor Registers
TDS0MR
0xN1D0 - 0xN1EF
Transmit SS7 Length Indicator (LI) Registers
TSS7LIR
0xN1F0 - 0xN1F2
Transmit SS7 Link Status Signal Unit (LSSU) SF0 Registers
TSS7LSSUSF0R
0xN1F3 - 0xN1F5
Receive SS7 RxSOT Delay Count Register
RSS7RXSOTDCR
0xN1F6
Transmit Alarm Test Register
TATR
0xN1FB
Device ID Register
DEVID
0x01FE
Revision Number Register
REVID
0x01FF
Time Slot (payload) Control (0xN300 - 0xN3FF)
Transmit Channel Control Register 0-31
TCCR 0-31
0xN300 -
0xN31F
User Code Register 0-31
TUCR 0-31
0xN320 -
0xN33F
Transmit Signaling Control Register 0 -31
TSCR 0-31
0xN340 -
0xN35F
Receive Channel Control Register 0-31
RCCR 0-31
0xN360 -
0xN37F
Receive User Code Register 0-31
RUCR 0-31
0xN380 -
0xN39F
Receive Signaling Control Register 0-31
RSCR 0-31
0xN3A0 -
0xN3BF
Receive Substitution Signaling Register 0-31
RSSR 0-31
0xN3C0 -
0xN3DF
Receive Signaling Array (0xN500 - 0xN51F)
Receive Signaling Array Register 0
RSAR0-31
0xN500 -
0xN51F
LAPDn Buffer 0
TABLE 1: REGISTER SUMMARY
FUNCTION
SYMBOL
HEX


Similar Part No. - XRT86VX38AIB329

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VX38 EXAR-XRT86VX38 Datasheet
1Mb / 185P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VX38 EXAR-XRT86VX38 Datasheet
1Mb / 200P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VX38 EXAR-XRT86VX38 Datasheet
551Kb / 53P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VX38IB256 EXAR-XRT86VX38IB256 Datasheet
1Mb / 185P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VX38IB256 EXAR-XRT86VX38IB256 Datasheet
1Mb / 200P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
More results

Similar Description - XRT86VX38AIB329

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VX38 EXAR-XRT86VX38 Datasheet
1Mb / 185P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VX38 EXAR-XRT86VX38_09 Datasheet
1Mb / 200P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 174P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_07 Datasheet
2Mb / 175P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30 Datasheet
821Kb / 188P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com