Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR81411TR-F Datasheet(PDF) 5 Page - Exar Corporation

Part # XR81411TR-F
Description  Universal Quad Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR81411TR-F Datasheet(HTML) 5 Page - Exar Corporation

  XR81411TR-F Datasheet HTML 1Page - Exar Corporation XR81411TR-F Datasheet HTML 2Page - Exar Corporation XR81411TR-F Datasheet HTML 3Page - Exar Corporation XR81411TR-F Datasheet HTML 4Page - Exar Corporation XR81411TR-F Datasheet HTML 5Page - Exar Corporation XR81411TR-F Datasheet HTML 6Page - Exar Corporation XR81411TR-F Datasheet HTML 7Page - Exar Corporation XR81411TR-F Datasheet HTML 8Page - Exar Corporation XR81411TR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© 2014 Exar Corporation
XR81411
5 / 15
exar.com/XR81411
Rev 1A
Pin Assignments
Pin No.
Pin Name
Type
Description
1
Q1
Output
Channel 1 Positive Clock Output
2Q1
Output
Channel 1Inverted Clock Output
3
VDD1C
Power
Channel 1 Core Supply Voltage
4
XTAL_IN
Input
Crystal oscillator input.
5
XTAL_OUT
Output
Crystal oscillator output (external reference input)
6
FSEL1_4
Input
(900K pull-dwn)
Channel 4 Output frequency select 1, MSB (LVCMOS/LVTTL input).
7
FSEL0_4
Input
(900K pull-dwn)
Channel 4 Output frequency select 0, LSB (LVCMOS/LVTTL input).
8
NC
No Connection
Do not connect.
9
GND
GND
Ground.
10
OE_4
Input
(900K pull-up)
Channel 4 Output enable - LVCMOS/LVTTL active high input.
Outputs are enabled when OE = high. Outputs are disabled when OE = low.
11
VDD4C
Power
Channel 4 Core Supply Voltage. )
12
Q4
Output
Channel 4 Positive Clock Output.
13
Q4
Output
Channel 4 Inverted Clock Output.
14
VDD4D
Power
Channel 4 Driver Supply Voltage.)
15
FSEL1_3
Input
(900K pull-dwn)
Channel 3 Output frequency select 1, MSB (LVCMOS/LVTTL input).
16
FSEL0_3
Input
(900K pull-dwn)
Channel 3 Output frequency select 0, LSB (LVCMOS/LVTTL input).
17
NC
No Connection
Do not connect.
18
GND
GND
Ground.
19
OE_3
Input
(900K pull-up)
Channel 3 Output enable - LVCMOS/LVTTL active high input.
Outputs are enabled when OE = high. Outputs are disabled when OE = low.
20
VDD3
Power
Channel 3 Core and Driver Supply Voltage.
21
Q3
Output
Channel 3 Positive Clock Output.
22
Q3
Output
Channel 3 Inverted Output.
23
FSEL1_2
Input
(900K pull-dwn)
Channel 2 Output frequency select 1, MSB (LVCMOS/LVTTL input).
24
FSEL0_2
Input
(900K pull-dwn)
Channel 2 Output frequency select 0, LSB (LVCMOS/LVTTL input).
25
NC
No Connection
Do not connect.
26
OE_2
Input
(900K pull-up)
Channel 2 Output enable - LVCMOS/LVTTL active high input.
Outputs are enabled when OE = high. Outputs are disabled when OE = low.
27
GND
GND
Ground.


Similar Part No. - XR81411TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR81101 EXAR-XR81101 Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81101-AA02-F EXAR-XR81101-AA02-F Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81101-AA02TR-F EXAR-XR81101-AA02TR-F Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81101EVB EXAR-XR81101EVB Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81102 EXAR-XR81102 Datasheet
176Kb / 8P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
More results

Similar Description - XR81411TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR81112 EXAR-XR81112 Datasheet
256Kb / 12P
   Universal Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
XR81101 EXAR-XR81101 Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81102 EXAR-XR81102 Datasheet
176Kb / 8P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
XR81111 EXAR-XR81111 Datasheet
232Kb / 12P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
logo
Integrated Device Techn...
849S625 IDT-849S625 Datasheet
390Kb / 24P
   Crystal-to-LVPECL/LVDS Clock Synthesizer
logo
Renesas Technology Corp
ICS849S625I RENESAS-ICS849S625I Datasheet
589Kb / 25P
   Crystal-to-LVPECL/LVDS Clock Synthesizer
December 2, 2015
ICS843404 RENESAS-ICS843404 Datasheet
479Kb / 20P
   LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
2006
logo
Integrated Circuit Syst...
ICS843404 ICST-ICS843404 Datasheet
246Kb / 19P
   LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
logo
Motorola, Inc
MC12429 MOTOROLA-MC12429 Datasheet
123Kb / 12P
   HIGH FREQUENCY CLOCK SYNTHESIZER
logo
Integrated Device Techn...
8V44S269 IDT-8V44S269 Datasheet
598Kb / 28P
   FemtoClock Crystal-to-LVDS, LVCMOS 10-Output Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com