Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR81411 Datasheet(PDF) 9 Page - Exar Corporation

Part # XR81411
Description  Universal Quad Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR81411 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR81411 Datasheet HTML 5Page - Exar Corporation XR81411 Datasheet HTML 6Page - Exar Corporation XR81411 Datasheet HTML 7Page - Exar Corporation XR81411 Datasheet HTML 8Page - Exar Corporation XR81411 Datasheet HTML 9Page - Exar Corporation XR81411 Datasheet HTML 10Page - Exar Corporation XR81411 Datasheet HTML 11Page - Exar Corporation XR81411 Datasheet HTML 12Page - Exar Corporation XR81411 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
© 2014 Exar Corporation
XR81411
9 / 15
exar.com/XR81411
Rev 1A
Figure 3: Q3 - 125MHz Operation, Phase Noise at 3.3V
Figure 4: Q4 - 125MHz Operation, Phase Noise at 3.3V


Similar Part No. - XR81411

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR81101 EXAR-XR81101 Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81101-AA02-F EXAR-XR81101-AA02-F Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81101-AA02TR-F EXAR-XR81101-AA02TR-F Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81101EVB EXAR-XR81101EVB Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81102 EXAR-XR81102 Datasheet
176Kb / 8P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
More results

Similar Description - XR81411

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR81112 EXAR-XR81112 Datasheet
256Kb / 12P
   Universal Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
XR81101 EXAR-XR81101 Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81102 EXAR-XR81102 Datasheet
176Kb / 8P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
XR81111 EXAR-XR81111 Datasheet
232Kb / 12P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
logo
Integrated Device Techn...
849S625 IDT-849S625 Datasheet
390Kb / 24P
   Crystal-to-LVPECL/LVDS Clock Synthesizer
logo
Renesas Technology Corp
ICS849S625I RENESAS-ICS849S625I Datasheet
589Kb / 25P
   Crystal-to-LVPECL/LVDS Clock Synthesizer
December 2, 2015
ICS843404 RENESAS-ICS843404 Datasheet
479Kb / 20P
   LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
2006
logo
Integrated Circuit Syst...
ICS843404 ICST-ICS843404 Datasheet
246Kb / 19P
   LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
logo
Motorola, Inc
MC12429 MOTOROLA-MC12429 Datasheet
123Kb / 12P
   HIGH FREQUENCY CLOCK SYNTHESIZER
logo
Integrated Device Techn...
8V44S269 IDT-8V44S269 Datasheet
598Kb / 28P
   FemtoClock Crystal-to-LVDS, LVCMOS 10-Output Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com