Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCA810AIDR Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # VCA810AIDR
Description  High Gain Adjust Range, Wideband, Voltage-Controlled Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VCA810AIDR Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button VCA810AIDR Datasheet HTML 4Page - Burr-Brown (TI) VCA810AIDR Datasheet HTML 5Page - Burr-Brown (TI) VCA810AIDR Datasheet HTML 6Page - Burr-Brown (TI) VCA810AIDR Datasheet HTML 7Page - Burr-Brown (TI) VCA810AIDR Datasheet HTML 8Page - Burr-Brown (TI) VCA810AIDR Datasheet HTML 9Page - Burr-Brown (TI) VCA810AIDR Datasheet HTML 10Page - Burr-Brown (TI) VCA810AIDR Datasheet HTML 11Page - Burr-Brown (TI) VCA810AIDR Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
VCA810
SBOS275C − JUNE 2003 − REVISED OCTOBER 2004
www.ti.com
8
TYPICAL CHARACTERISTICS: VS = +5V continued
RL = 500Ω and VIN = single-ended input on V+ with V− at ground, unless otherwise noted.
10000
1000
100
10
1
NOISE DENSITY vs CONTROL VOLTAGE
Control Voltage (V)
0
−0.2 −0.4 −0.6 −0.8 −1.0 −1.2 −1.4 −1.6 −1.8 −2.0
Input−Referred Voltage Noise Density
Output−Referred Voltage Noise Density
R
S =20Ω
on Each Input
10
1
INPUT VOLTAGE AND CURRENT NOISE
Frequency (Hz)
100
1k
10k
100k
1M
10M
Current Noise (1.8pA/
√Hz)
Each Input
Differential Input
Voltage Noise (2.4nV/
√Hz)
0
−20
−40
−60
−80
−100
−120
FULLY ATTENUATED ISOLATION
vs FREQUENCY
Frequency (Hz)
1M
10M
100M
V
C =+0.1V
V
C = +0.2V
50
40
30
20
10
0
−10
−20
−30
−40
−50
OUTPUT OFFSET VOLTAGE
TOTAL ERROR BAND vs GAIN
Gain (dB)
−40
−30
−20
−10
0
10
20
30
40
Maximum Error Band
Typical Devices
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
−0.5
TYPICAL GAIN ERROR PLOT
Control Voltage (V)
0
−0.5
−1
−1.5
−2
Deviation from
−40dB/V Gain Slope
250
200
150
100
50
0
OUTPUT OFFSET VOLTAGE DISTRIBUTION
Total Tested = 1462
G = +40dB
Output Offset Voltage (mV)


Similar Part No. - VCA810AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA810AIDR TI1-VCA810AIDR Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA810AIDR TI1-VCA810AIDR Datasheet
1Mb / 40P
[Old version datasheet]   VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
More results

Similar Description - VCA810AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA810 TI1-VCA810_16 Datasheet
1Mb / 40P
[Old version datasheet]   VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA822 TI-VCA822 Datasheet
899Kb / 35P
[Old version datasheet]   Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA824 TI-VCA824_08 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA824 TI1-VCA824_17 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824 TI1-VCA824_16 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com