Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR81112EVB Datasheet(PDF) 10 Page - Exar Corporation

Part # XR81112EVB
Description  Universal Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR81112EVB Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR81112EVB Datasheet HTML 4Page - Exar Corporation XR81112EVB Datasheet HTML 5Page - Exar Corporation XR81112EVB Datasheet HTML 6Page - Exar Corporation XR81112EVB Datasheet HTML 7Page - Exar Corporation XR81112EVB Datasheet HTML 8Page - Exar Corporation XR81112EVB Datasheet HTML 9Page - Exar Corporation XR81112EVB Datasheet HTML 10Page - Exar Corporation XR81112EVB Datasheet HTML 11Page - Exar Corporation XR81112EVB Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
© 2014 Exar Corporation
XR81112
10 / 12
exar.com/XR81112
Rev 1A
Figure 9: XR81112 2.5V LVDS Output Termination
Output Signal Timing Definitions
The following diagrams clarify the common definitions of
the AC timing measurements.
Figure 10: Output Rise/Fall Time and Swing
Figure 11: Output Period and Duty Cycle
2.5V
2.5V
50
50
100
LVDS
Output
LVDS
Input
20%
80%
t R
t F
80%
20%
VSWING
Q
nQ
Q
nQ
t
PW
t
PERIOD
odc =
x 100%
t
PW
t
PERIOD


Similar Part No. - XR81112EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR81111 EXAR-XR81111 Datasheet
232Kb / 12P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
XR81111-CA04-F EXAR-XR81111-CA04-F Datasheet
232Kb / 12P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
XR81111-CA04TR-F EXAR-XR81111-CA04TR-F Datasheet
232Kb / 12P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
XR81111EVB EXAR-XR81111EVB Datasheet
232Kb / 12P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
More results

Similar Description - XR81112EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR81411 EXAR-XR81411 Datasheet
427Kb / 15P
   Universal Quad Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
XR81101 EXAR-XR81101 Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81102 EXAR-XR81102 Datasheet
176Kb / 8P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
XR81111 EXAR-XR81111 Datasheet
232Kb / 12P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
logo
Integrated Device Techn...
849S625 IDT-849S625 Datasheet
390Kb / 24P
   Crystal-to-LVPECL/LVDS Clock Synthesizer
logo
Renesas Technology Corp
ICS849S625I RENESAS-ICS849S625I Datasheet
589Kb / 25P
   Crystal-to-LVPECL/LVDS Clock Synthesizer
December 2, 2015
ICS843404 RENESAS-ICS843404 Datasheet
479Kb / 20P
   LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
2006
logo
Integrated Circuit Syst...
ICS843404 ICST-ICS843404 Datasheet
246Kb / 19P
   LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
logo
Motorola, Inc
MC12429 MOTOROLA-MC12429 Datasheet
123Kb / 12P
   HIGH FREQUENCY CLOCK SYNTHESIZER
logo
Integrated Device Techn...
8V44S269 IDT-8V44S269 Datasheet
598Kb / 28P
   FemtoClock Crystal-to-LVDS, LVCMOS 10-Output Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com