Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR81111-CA04TR-F Datasheet(PDF) 1 Page - Exar Corporation

Part # XR81111-CA04TR-F
Description  Universal Clock - High Frequency LVPECL Clock Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR81111-CA04TR-F Datasheet(HTML) 1 Page - Exar Corporation

  XR81111-CA04TR-F Datasheet HTML 1Page - Exar Corporation XR81111-CA04TR-F Datasheet HTML 2Page - Exar Corporation XR81111-CA04TR-F Datasheet HTML 3Page - Exar Corporation XR81111-CA04TR-F Datasheet HTML 4Page - Exar Corporation XR81111-CA04TR-F Datasheet HTML 5Page - Exar Corporation XR81111-CA04TR-F Datasheet HTML 6Page - Exar Corporation XR81111-CA04TR-F Datasheet HTML 7Page - Exar Corporation XR81111-CA04TR-F Datasheet HTML 8Page - Exar Corporation XR81111-CA04TR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2014 Exar Corporation
XR81111
Universal Clock - High Frequency
LVPECL Clock Synthesizer
exar.com/XR81111
Rev 1B
1 / 12
General Description
The XR81111-CA04 is a clock synthesizer with Integer divider, LVPECL
driver, 3.3V/2.5V supply, taking a 25MHz Xtal input and providing one of four
selectable output frequencies. The device is optimized for use with a 25MHz
crystal (or system clock) and generates a selection of output frequencies -
156.25MHz for 10GE/XAUI, 150MHz for SAS, 125MHz for GE and 100MHz
for PCIe applications.
The application diagram below shows a typical synthesizer configuration
with any standard crystal oscillating in fundamental mode. Internal load
capacitors are optionally available to minimize/eliminate external crystal
loads. A system clock can also be used to overdrive the oscillator for a syn-
chronous timing system.
The typical phase noise plot below shows the jitter integrated over the
12KHz to 20MHz range that is widely used in WAN systems. Most LAN
applications however use the integration range of 1.875MHz to 20MHz.
These clock devices show a very good high frequency noise floor below -
150dB.
The XR81111 is a family of Universal Clock synthesizer devices in QFN-10
packages that are footprint compatible with industry standard 5mm x 7mm
oscillators. The devices generate ANY frequency in the range of 100 MHz to
1.5GHz by utilizing a highly flexible delta sigma modulator and a wide rang-
ing VCO. The high clock frequency LVPECL outputs have very low phase
noise jitter of sub 0.6ps, while consuming extremely low power. These
devices can be used with standard crystals or external system clock and can
be configured to select from four different frequency multiplier settings to
support a wide variety of applications. This family of products have an
extremely low power PLL block with core power consumption less than 40%
of the equivalent devices from competition. By second sourcing several of
the existing sockets, these devices provides a very compelling power effi-
ciency value benefit across all market segments.
Other clock multiplier and/or driver configurations are possible in this clock
family and can be requested from the factory
FEATURES
• XR81111-CA04: Factory Configured
• Footprint compatible with 5mm x 7mm differen-
tial oscillators
• One differential LVPECL output pair
• Crystal oscillator interface which can also be
overdriven using a single-ended reference clock
• Output frequency range: 100MHz - 156.25MHz
• Crystal/input frequency: 25MHz, parallel resonant
crystal
• VCO range: 2GHz - 3GHz
• RMS phase jitter @ 156.25MHz, 12kHz - 20MHz:
<0.60ps
• Full 3.3V or 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) package
APPLICATIONS
• 10GE, GE LAN/WAN
• 2.5G/10G SONET/SDH/OTN
• xDSL, PCIe
• Low-jitter Clock Generation
• Synchronized clock systems
Ordering Information – page 12
Typical Application
VCC
2.5V or 3.3V
Q
100 MHz to 156.25MHz
VEE
Q
OE
XTAL_IN
XTAL_OUT
FSEL1
FSEL0
25MHz
Enable
Freq Select
XR81111 CA04
XR81111 PHASE NOISE (dBc/Hz)
100Hz
1KHz
10KHz
100 KHz
1MHz
10MHz
-120db
-160db
-140db
-100db
-80db
-60db
-180db
-40db
RMS Jitter = 532.3fs
Int Range 12KHz to 20MHz


Similar Part No. - XR81111-CA04TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR81112 EXAR-XR81112 Datasheet
256Kb / 12P
   Universal Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
XR81112-F EXAR-XR81112-F Datasheet
256Kb / 12P
   Universal Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
XR81112EVB EXAR-XR81112EVB Datasheet
256Kb / 12P
   Universal Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
More results

Similar Description - XR81111-CA04TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR81102 EXAR-XR81102 Datasheet
176Kb / 8P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
XR81112 EXAR-XR81112 Datasheet
256Kb / 12P
   Universal Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
XR81411 EXAR-XR81411 Datasheet
427Kb / 15P
   Universal Quad Clock - High Frequency LVCMOS/LVDS/LVPECL Clock Synthesizer
XR81101 EXAR-XR81101 Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
logo
Motorola, Inc
MC12429 MOTOROLA-MC12429 Datasheet
123Kb / 12P
   HIGH FREQUENCY CLOCK SYNTHESIZER
logo
Renesas Technology Corp
ICS843156I RENESAS-ICS843156I Datasheet
475Kb / 21P
   Crystal-to-LVPECL Clock Synthesizer
NOVEMBER 28, 2012
ICS843156 RENESAS-ICS843156 Datasheet
488Kb / 21P
   Crystal-to-LVPECL Clock Synthesizer
May 26, 2016
logo
Integrated Device Techn...
849S625 IDT-849S625 Datasheet
390Kb / 24P
   Crystal-to-LVPECL/LVDS Clock Synthesizer
logo
Renesas Technology Corp
843S304I-100 RENESAS-843S304I-100 Datasheet
666Kb / 25P
   Crystal-to-LVPECL 100MHz Clock Synthesizer
January 6, 2016
843S104I-133 RENESAS-843S104I-133 Datasheet
645Kb / 25P
   Crystal-to-LVPECL 133MHz Clock Synthesizer
April 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com