Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR8054ASO14EVB Datasheet(PDF) 5 Page - Exar Corporation

Part # XR8054ASO14EVB
Description  Low Cost, High Speed Rail-to-Rail Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR8054ASO14EVB Datasheet(HTML) 5 Page - Exar Corporation

  XR8054ASO14EVB Datasheet HTML 1Page - Exar Corporation XR8054ASO14EVB Datasheet HTML 2Page - Exar Corporation XR8054ASO14EVB Datasheet HTML 3Page - Exar Corporation XR8054ASO14EVB Datasheet HTML 4Page - Exar Corporation XR8054ASO14EVB Datasheet HTML 5Page - Exar Corporation XR8054ASO14EVB Datasheet HTML 6Page - Exar Corporation XR8054ASO14EVB Datasheet HTML 7Page - Exar Corporation XR8054ASO14EVB Datasheet HTML 8Page - Exar Corporation XR8054ASO14EVB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
© 2007-2014 Exar Corporation
5 / 27
exar.com/XR8051
Rev 1B
XR8051, XR8052, XR8054
Electrical Characteristics at ±5V
TA = 25°C, VS = ±5V, Rf = 1.5kΩ, RL = 2kΩ to GND; G = 2; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
GBWP
-3dB Gain Bandwidth Product
G = +11, VOUT = 0.2Vpp
90
MHz
UGBW
Unity Gain Bandwidth
VOUT = 0.2Vpp, RF = 0
260
MHz
BWSS
-3dB Bandwidth
VOUT = 0.2Vpp
85
MHz
f0.1dB
0.1dB Gain Flatness
VOUT = 0.2Vpp, RL = 150Ω
22
MHz
BWLS
Large Signal Bandwidth
VOUT = 2Vpp
50
MHz
DG
Differential Gain
DC-coupled Output
0.03
%
AC-coupled Output
0.04
%
DP
Differential Phase
DC-coupled Output
0.03
°
AC-coupled Output
0.06
°
Time Domain
tR, tF
Rise and Fall Time
VOUT = 0.2V step
5
ns
tS
Settling Time to 0.1%
VOUT = 2V step, RL = 100Ω
25
ns
OS
Overshoot
VOUT = 0.2V step
5
%
SR
Slew Rate
G = -1, 5V step
190
V/μs
Distortion/Noise Response
THD
Total Harmonic Distortion
1MHz, VOUT = 2Vpp
76
dBc
en
Input Voltage Noise
>50kHz
16
nV/√Hz
XTALK
Crosstalk
f = 5MHz
58
dB
DC Performance
VIO
Input Offset Voltage
0.5
mV
dVIO
Average Drift
5
μV/°C
IB
Input Bias Current
1.3
μA
dIB
Average Drift
2
nA/°C
IOS
Input Offset Current
0.04
μA
PSRR
Power Supply Rejection Ratio
DC
102
dB
AOL
Open Loop Gain
RL = 2kΩ
92
dB
IS
Supply Current
per channel
2.6
mA
Input Characteristics
CIN
Input Capacitance
0.5
pF
CMIR
Common Mode Input Range
-5.3 to
4.1
V
CMRR
Common Mode Rejection Ratio
DC, VCM = -5 to 3.5V
100
dB
Output Characteristics
VOUT
Output Swing
RL = 150Ω
-4.8 to
4.8
V
RL = 2kΩ
-4.95 to
4.93
V
IOUT
Output Current
±100
mA
ISC
Short Circuit Current
VOUT = VS / 2
±125
V
VS
Power Supply Operating Range
2.7 to
12.6
V


Similar Part No. - XR8054ASO14EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR8051ASO8X EXAR-XR8051ASO8X Datasheet
157Kb / 1P
   Dodd?륡rank Wall Street Reform and Consumer Protection
XR8052ASO8X EXAR-XR8052ASO8X Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
More results

Similar Description - XR8054ASO14EVB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8091 AD-AD8091 Datasheet
229Kb / 16P
   Low-Cost, High-Speed Rail-to-Rail Amplifiers
REV. A
AD8051 AD-AD8051 Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051ART AD-AD8051ART Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8051 AD-AD8051_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8052 AD-AD8052_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8092 AD-AD8092_15 Datasheet
548Kb / 21P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051 AD-AD8051_06 Datasheet
502Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. G
AD8091 AD-AD8091_16 Datasheet
292Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
AD8091 AD-AD8091_05 Datasheet
488Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com