Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

105310-2216 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 105310-2216
Description  HEADER OF NANO-FIT, D/R, KINK, VERTICAL POWER CONNECTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

105310-2216 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  105310-2216 Datasheet HTML 1Page - Molex Electronics Ltd. 105310-2216 Datasheet HTML 2Page - Molex Electronics Ltd. 105310-2216 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DRAWING SIZE
THIRD ANGLE PROJECTION
A3
HEADER OF NANO-FIT, D/R, KINK, VERTICAL
POWER CONNECTOR
PRODUCT CUSTOMER DRAWING
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NUMBER
3 OF 3
DIMENSION UNITS
SCALE
MM
3:1
DRWN BY
DATE
GLLI
2013/10/30
CHK'D BY
DATE
APPR BY
DATE
AYIN
2015/04/08
4 PLACES
±
3 PLACES
±
0.1
2 PLACES
±
0.2
1 PLACE
±
0.3
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
DOCUMENT NUMBER
DOC TYPE
DOC PART
SD-105310-100
PSD
000
C
GENERAL
TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL ± 3.0 °
SERIES
MATERIAL NUMBER
CUSTOMER
GENERAL MARKET
105310
SEE SHEET 2
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
A
A
B
B
C
C
D
D
E
E
QUALITY
SYMBOLS
=
0
=
0
=
0
=
0
=
0
=
0
=
0
C
=
0
FORMAT: master-tb-prod-A3
REVISION: F
DATE: 2015/11/16
RELEASE STATUS
P1
RELEASE DATE
06.07.2016
08:27:36
4 CKT
6 CKT
8 CKT
10 CKT
BLACK
NATURAL
12 CKT
14 CKT
16 CKT
BLACK
NATURAL
C


Similar Part No. - 105310-2216

ManufacturerPart #DatasheetDescription
logo
Heyco.
10531 HEYCO-10531 Datasheet
127Kb / 1P
   Nylon PCB Supports - Metric Spacing
logo
SICK AG
1053117 SICK-1053117 Datasheet
2Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
1053131 SICK-1053131 Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
1053133 SICK-1053133 Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
1053134 SICK-1053134 Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
More results

Similar Description - 105310-2216

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1053141106_SD ETC-1053141106_SD Datasheet
597Kb / 5P
   HEADER OF NANO-FIT, D/R, R/A POWER CONNECTOR
2020/09/10
1053141110_SD ETC-1053141110_SD Datasheet
597Kb / 5P
   HEADER OF NANO-FIT, D/R, R/A POWER CONNECTOR
2020/09/10
1053141108_SD ETC-1053141108_SD Datasheet
597Kb / 5P
   HEADER OF NANO-FIT, D/R, R/A POWER CONNECTOR
2020/09/10
logo
Molex Electronics Ltd.
SD-105307-100 MOLEX11-SD-105307-100 Datasheet
359Kb / 4P
   RECEPTACLE OF NANO-FIT, S/R, TPA POWER CONNECTOR
logo
List of Unclassifed Man...
1053072202_SD ETC-1053072202_SD Datasheet
361Kb / 4P
   RECEPTACLE OF NANO-FIT, S/R, TPA POWER CONNECTOR
2019/04/17
logo
TE Connectivity Ltd
C-2169869 TEC-C-2169869 Datasheet
321Kb / 2P
   IMPACT POWER 5PAIR R/A HEADER PRESS-FIT
logo
Molex Electronics Ltd.
SD-105300-100 MOLEX11-SD-105300-100 Datasheet
361Kb / 3P
   CRIMP TERMINAL FOR NANO-FIT RECEPTACLE POWER CONNECTOR
logo
Assmann Electronics Inc...
A-MOT-E-8-8 ASSMANN-A-MOT-E-8-8 Datasheet
50Kb / 1P
   Kink protection boot
logo
Molex Electronics Ltd.
451300810 MOLEX-451300810 Datasheet
152Kb / 1P
   Nano-Fit 8 Circuit 1M
2016/12/05
451300401 MOLEX-451300401 Datasheet
149Kb / 1P
   Nano-Fit 4 Circuit 150MM
2016/12/05
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com