Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR2008IMP8EVB Datasheet(PDF) 4 Page - Exar Corporation

Part # XR2008IMP8EVB
Description  0.5mA, 75MHz Rail-to-Rail Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR2008IMP8EVB Datasheet(HTML) 4 Page - Exar Corporation

  XR2008IMP8EVB Datasheet HTML 1Page - Exar Corporation XR2008IMP8EVB Datasheet HTML 2Page - Exar Corporation XR2008IMP8EVB Datasheet HTML 3Page - Exar Corporation XR2008IMP8EVB Datasheet HTML 4Page - Exar Corporation XR2008IMP8EVB Datasheet HTML 5Page - Exar Corporation XR2008IMP8EVB Datasheet HTML 6Page - Exar Corporation XR2008IMP8EVB Datasheet HTML 7Page - Exar Corporation XR2008IMP8EVB Datasheet HTML 8Page - Exar Corporation XR2008IMP8EVB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
© 2014 Exar Corporation
4 / 17
exar.com/XR1008
Rev 1B
XR1008, XR2008
Electrical Characteristics at +5V
TA = 25°C, VS = +5V, Rf = Rg = 1kΩ, RL = 1kΩ to VS/2; G = 2; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
UGBWSS
Unity Gain -3dB Bandwidth
G = +1, VOUT = 0.05Vpp, Rf = 0
75
MHz
BWSS
-3dB Bandwidth
G = +2, VOUT < 0.2Vpp
35
MHz
BWLS
Large Signal Bandwidth
G = +2, VOUT = 2Vpp
15
MHz
GBWP
Gain Bandwidth Product
G = +11, VOUT = 0.2Vpp
33
MHz
Time Domain Response
tR, tF
Rise and Fall Time
VOUT = 0.2V step; (10% to 90%)
6
ns
tS
Settling Time to 0.1%
VOUT = 1V step
60
ns
OS
Overshoot
VOUT = 1V step
12
%
SR
Slew Rate
G = -1, 2V step
50
V/μs
Distortion/Noise Response
HD2
2nd Harmonic Distortion
1MHz, VOUT = 2Vpp
-64
dBc
HD3
3rd Harmonic Distortion
1MHz, VOUT = 2Vpp
-62
dBc
THD
Total Harmonic Distortion
1MHz, VOUT = 2Vpp
60
dB
en
Input Voltage Noise
>10kHz
12
nV/√Hz
DC Performance
VIO
Input Offset Voltage
-5
-1
5
mV
dVIO
Average Drift
10
μV/°C
IB
Input Bias Current
-3.5
1.2
3.5
μA
dIB
Average Drift
3.5
nA/°C
IOS
Input Offset Current
30
350
nA
PSRR
Power Supply Rejection Ratio
DC
60
66
dB
AOL
Open Loop Gain
VOUT = VS / 2
65
80
dB
IS
Supply Current
per channel
505
620
μA
Input Characteristics
RIN
Input Resistance
Non-inverting
9
CIN
Input Capacitance
1.5
pF
CMIR
Common Mode Input Range
-0.3 to
3.8
V
CMRR
Common Mode Rejection Ratio
DC, VCM = 0V to VS - 1.5V
65
74
dB
Output Characteristics
VOUT
Output Voltage Swing
RL = 1kΩ to VS / 2
0.2 to
4.65
0.13 to
4.73
V
RL = 10kΩ to VS / 2
0.08 to
4.84
V
IOUT
Output Current
±15
mA
ISC
Short Circuit Current
±30
mA


Similar Part No. - XR2008IMP8EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR2001 EXAR-XR2001 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2002 EXAR-XR2002 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2002CN EXAR-XR2002CN Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2003 EXAR-XR2003 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2003CN EXAR-XR2003CN Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
More results

Similar Description - XR2008IMP8EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
logo
ON Semiconductor
MC33201 ONSEMI-MC33201 Datasheet
204Kb / 16P
   Rail-to-Rail Operational Amplifiers
March, 2004 ??Rev. 12
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com