Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR8051AST5MTR Datasheet(PDF) 9 Page - Exar Corporation

Part # XR8051AST5MTR
Description  Low Cost, High Speed Rail-to-Rail Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR8051AST5MTR Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR8051AST5MTR Datasheet HTML 5Page - Exar Corporation XR8051AST5MTR Datasheet HTML 6Page - Exar Corporation XR8051AST5MTR Datasheet HTML 7Page - Exar Corporation XR8051AST5MTR Datasheet HTML 8Page - Exar Corporation XR8051AST5MTR Datasheet HTML 9Page - Exar Corporation XR8051AST5MTR Datasheet HTML 10Page - Exar Corporation XR8051AST5MTR Datasheet HTML 11Page - Exar Corporation XR8051AST5MTR Datasheet HTML 12Page - Exar Corporation XR8051AST5MTR Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
© 2007-2014 Exar Corporation
9 / 27
exar.com/XR8051
Rev 1B
XR8051, XR8052, XR8054
Typical Performance Characteristics
TA = 25°C, VS = +3V, RL = 2kΩ to VS/2, G = +2, RF = 1.5kΩ; unless otherwise noted.
3rd Harmonic Distortion vs VO over Freq.
Non-Inverting Small Signal Pulse Response
3rd Harmonic Distortion vs RL over Freq.
2nd Harmonic Distortion vs VO over Freq.
Input Voltage Noise vs Freq.
2nd Harmonic Distortion vs RL over Freq.
15
20
25
30
35
40
45
50
55
0.1
1
10
100
1000
Frequency (KHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
0
5
10
15
20
Frequency (MHz)
Hd2_RL = 2KΩ
Vs = +3V_VOUT = 1Vpp
Hd2_RL = 150Ω
-100
-90
-80
-70
-60
-50
-40
-30
-20
0
5
10
15
20
Frequency (MHz)
Hd3_RL = 150Ω
Vs = +3V_VOUT = 1Vpp
Hd3_RL = 2KΩ
-100
-90
-80
-70
-60
-50
-40
0.5
1
1.5
2
Output Amplitude (Vpp)
1MHz
Vs = +3V_RL = 150Ω
2MHz
5MHz
-100
-90
-80
-70
-60
-50
-40
0.5
1
1.5
2
Output Amplitude (Vpp)
1MHz
Vs = +3V_RL = 150Ω
2MHz
5MHz
1.3
1.4
1.5
1.6
1.7
0
50
100
150
200
Time (ns)
Vs = +3V


Similar Part No. - XR8051AST5MTR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR8051ASO8X EXAR-XR8051ASO8X Datasheet
157Kb / 1P
   Dodd?륡rank Wall Street Reform and Consumer Protection
More results

Similar Description - XR8051AST5MTR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8091 AD-AD8091 Datasheet
229Kb / 16P
   Low-Cost, High-Speed Rail-to-Rail Amplifiers
REV. A
AD8051 AD-AD8051 Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051ART AD-AD8051ART Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8051 AD-AD8051_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8052 AD-AD8052_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8092 AD-AD8092_15 Datasheet
548Kb / 21P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051 AD-AD8051_06 Datasheet
502Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. G
AD8091 AD-AD8091_16 Datasheet
292Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
AD8091 AD-AD8091_05 Datasheet
488Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com