Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS70-04W Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BAS70-04W
Description  Silicon Schottky Diode
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS70-04W Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BAS70-04W Datasheet HTML 3Page - Infineon Technologies AG BAS70-04W Datasheet HTML 4Page - Infineon Technologies AG BAS70-04W Datasheet HTML 5Page - Infineon Technologies AG BAS70-04W Datasheet HTML 6Page - Infineon Technologies AG BAS70-04W Datasheet HTML 7Page - Infineon Technologies AG BAS70-04W Datasheet HTML 8Page - Infineon Technologies AG BAS70-04W Datasheet HTML 9Page - Infineon Technologies AG BAS70-04W Datasheet HTML 10Page - Infineon Technologies AG BAS70-04W Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
2014-02-13
7
BAS70.../BAS170W
Forward current IF = ƒ (TS)
BAS70-04S/W, BAS70-06W, BAS170W
0
15
30
45
60
75
90 105 120 °C
150
TS
0
10
20
30
40
50
60
mA
80
Forward current IF = ƒ (TS)
BAS70-05
0
15
30
45
60
75
90 105 120 °C
150
TS
0
10
20
30
40
50
60
mA
80
Forward current IF = ƒ (TS)
BAS70-07W
0
15
30
45
60
75
90 105 120 °C
150
TS
0
10
20
30
40
50
60
mA
80
Forward current IF = ƒ (TS)
BAS70-05W
0
15
30
45
60
75
90 105 120 °C
150
TS
0
10
20
30
40
50
60
mA
80


Similar Part No. - BAS70-04W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70-04W PHILIPS-BAS70-04W Datasheet
55Kb / 8P
   Schottky barrier double diodes
1999 Mar 26
logo
FutureWafer Tech Co.,Lt...
BAS70-04W FUTUREWAFER-BAS70-04W Datasheet
2Mb / 18P
   Surface Mount Switching Diode
27-DEC-2021 V 2.0
logo
STMicroelectronics
BAS70-04W STMICROELECTRONICS-BAS70-04W Datasheet
50Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Nexperia B.V. All right...
BAS70-04W NEXPERIA-BAS70-04W Datasheet
1Mb / 8P
   General-purpose dual Schottky diode
January 2023
logo
Siemens Semiconductor G...
BAS70-04W SIEMENS-BAS70-04W Datasheet
172Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
More results

Similar Description - BAS70-04W

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
BAS52 INFINEON-BAS52 Datasheet
394Kb / 4P
   Silicon Schottky Diode
Nov-04-2002
BAS140W INFINEON-BAS140W Datasheet
506Kb / 8P
   Silicon Schottky Diode
Jan-16-200
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
   Silicon Schottky Diode
Aug-06-2001
BAT14 INFINEON-BAT14 Datasheet
386Kb / 3P
   Silicon Schottky Diode
Feb-03-2003
BAT60B INFINEON-BAT60B Datasheet
419Kb / 4P
   Silicon Schottky Diode
Jun-15-2004
BAT2402LSE6327 INFINEON-BAT2402LSE6327 Datasheet
578Kb / 6P
   Silicon Schottky Diode
2011-06-15
logo
Central Semiconductor C...
CMOSH2-4L CENTRAL-CMOSH2-4L_15 Datasheet
494Kb / 2P
   SILICON SCHOTTKY DIODE
logo
M/A-COM Technology Solu...
SMS202 MA-COM-SMS202 Datasheet
532Kb / 3P
   Silicon Schottky Diode
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
   SILICON SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT17-04W KEXIN-BAT17-04W Datasheet
47Kb / 1P
   Silicon Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com