Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N8834A-CTP Datasheet(PDF) 5 Page - Keysight Technologies

Part # N8834A-CTP
Description  MultiScope Application
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N8834A-CTP Datasheet(HTML) 5 Page - Keysight Technologies

  N8834A-CTP Datasheet HTML 1Page - Keysight Technologies N8834A-CTP Datasheet HTML 2Page - Keysight Technologies N8834A-CTP Datasheet HTML 3Page - Keysight Technologies N8834A-CTP Datasheet HTML 4Page - Keysight Technologies N8834A-CTP Datasheet HTML 5Page - Keysight Technologies N8834A-CTP Datasheet HTML 6Page - Keysight Technologies N8834A-CTP Datasheet HTML 7Page - Keysight Technologies N8834A-CTP Datasheet HTML 8Page - Keysight Technologies N8834A-CTP Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
05 | Keysight | N8834A MultiScope Application - Data Sheet
Calibration Methods
There are three calibration methods available with the N8834A
MultiScope software. Each calibration method provides a
different level of channel-to-channel skew value. Manual
calibration is available for users who are interested in viewing
multi-channel signals but not concerned about the skew factor
across channels. External trigger helps users achieve 100 ps
channel-to-channel skew. The most accurate measurements can
be achieved with the drift correction method with skew in the
range of 200 fs.
1. Manual
Manual calibration requires no cabling and users can achieve
skew correction by manually dialing in the right skew values
between the channels. InfiniiVision scopes supports only manual
calibration.
2. Basic
The trigger out process provides the most basic level of inter-
oscilloscope time synchronization. This process connects the
trigger output signal (Trig Out) from the leader oscilloscope
through each follower oscilloscope (Aux Trig) in a daisy chain
configuration. The followers are each armed in descending order
from furthest from the leader (F{N}) to nearest to the leader (F{1}).
The leader’s trigger is armed last. Once the leader triggers, each
follower will trigger in turn, down through the chain.
3. Precision
The horizontal position of channels within different oscilloscope
frames can drift with temperature (inter-oscilloscope drift). The
drift correction synchronization process corrects for this drift by
monitoring the inter-oscilloscope drift on a separate, dedicated
synchronization channel. The idea is that any “time corrections”
that keep the synchronization channels aligned will also keep
the signals aligned. Precision calibration will consume one of the
channels on each oscilloscope and is only available on 90000 X-,
90000 Q-, V-Series, and Z-Series oscilloscopes. On the Infiniium
90000 X- and V-Series, a maximum of two oscilloscopes can
be connected to perform precision calibration. A sync port is
available for precision calibration on 90000 Q- and Z-Series.


Similar Part No. - N8834A-CTP

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8834A-CTP KEYSIGHT-N8834A-CTP Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
More results

Similar Description - N8834A-CTP

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
381285 EXTECH-381285 Datasheet
467Kb / 24P
   Handheld MultiScope
381295 EXTECH-381295 Datasheet
177Kb / 1P
   5MHz Dual Channel MultiScope
381295A EXTECH-381295A Datasheet
244Kb / 1P
   5MHz Dual Channel MultiScope
logo
KEC(Korea Electronics)
KTC3875S KEC-KTC3875S Datasheet
95Kb / 3P
   GENERAL PURPOSE APPLICATION SWITCHING APPLICATION.
logo
KODENSHI_AUK CORP.
BC856F KODENSHI-BC856F Datasheet
284Kb / 4P
   General purpose application Switching application
logo
First Silicon Co., Ltd
FTA1504 FS-FTA1504 Datasheet
281Kb / 3P
   GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION.
logo
Toshiba Semiconductor
2SD1166 TOSHIBA-2SD1166 Datasheet
117Kb / 3P
   HIGH POWER SWITCHING APPLICATION. AC & MOTOR CONTROL APPLICATION. INVERTER APPLICATION.
logo
National Semiconductor ...
LM27402 NSC-LM27402_1 Datasheet
167Kb / 4P
   Current Limit Application Circuits Application Circuits
logo
Fairchild Semiconductor
FJX3012R FAIRCHILD-FJX3012R Datasheet
32Kb / 3P
   Switching Application
FJX4001R FAIRCHILD-FJX4001R Datasheet
42Kb / 4P
   Switching Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com