Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N8834A-BFP Datasheet(PDF) 4 Page - Keysight Technologies

Part # N8834A-BFP
Description  MultiScope Application
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N8834A-BFP Datasheet(HTML) 4 Page - Keysight Technologies

  N8834A-BFP Datasheet HTML 1Page - Keysight Technologies N8834A-BFP Datasheet HTML 2Page - Keysight Technologies N8834A-BFP Datasheet HTML 3Page - Keysight Technologies N8834A-BFP Datasheet HTML 4Page - Keysight Technologies N8834A-BFP Datasheet HTML 5Page - Keysight Technologies N8834A-BFP Datasheet HTML 6Page - Keysight Technologies N8834A-BFP Datasheet HTML 7Page - Keysight Technologies N8834A-BFP Datasheet HTML 8Page - Keysight Technologies N8834A-BFP Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
04 | Keysight | N8834A MultiScope Application - Data Sheet
MultiScope Software Architecture
Control PC
The N8834A MultiScope application runs on a Windows 7 PC.
All the scopes are connected to the control PC via LAN or USB.
A control PC must be used if InfiniiVision scopes exist in the
multiscope configuration.
– PC supports both hosted/online and offline analysis.
– Scope front panels are disabled during MultiScope operation.
MultiScope is controlled by a PC installed with the N8900A
Infiniium Offline analysis software or the leader scope in the
absence of a PC.
– Display up to 16 grids per window, up to 8 windows.
– Full support of all measurements, functions, and analysis on
all channels.
– Test at the comfort of your workbench.
Leader scope is used to control and display multichannel waveforms.
View of 6 channels and 3 eye diagrams on a single window with 8 grids.
Daisy chained connection with power splitter and BNC cables.
The leader and the followers
The leader oscilloscope connects to the control PC via LAN or
USB or can act as the controller in the absence of the PC. The
one leader oscilloscope can connect two to nine followers. The
connection between oscilloscopes is daisy chained with cables
and splitters.
– Support edge or glitch trigger on leader (other triggering
modes (including InfiniiScan) are not supported).
– One-time deskew eliminates frame-to-frame skew created by
trigger daisy chain connection.
– Achieve inter-scope intrinsic jitter of 150 fs with precision
calibration on the 90000 Q-Series and Z-Series Infiniium
oscilloscopes.
– 10-MHz reference clock aligns sample for deep memory
synchronization.


Similar Part No. - N8834A-BFP

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8834A-BFP KEYSIGHT-N8834A-BFP Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
More results

Similar Description - N8834A-BFP

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
381285 EXTECH-381285 Datasheet
467Kb / 24P
   Handheld MultiScope
381295 EXTECH-381295 Datasheet
177Kb / 1P
   5MHz Dual Channel MultiScope
381295A EXTECH-381295A Datasheet
244Kb / 1P
   5MHz Dual Channel MultiScope
logo
KEC(Korea Electronics)
KTC3875S KEC-KTC3875S Datasheet
95Kb / 3P
   GENERAL PURPOSE APPLICATION SWITCHING APPLICATION.
logo
KODENSHI_AUK CORP.
BC856F KODENSHI-BC856F Datasheet
284Kb / 4P
   General purpose application Switching application
logo
First Silicon Co., Ltd
FTA1504 FS-FTA1504 Datasheet
281Kb / 3P
   GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION.
logo
Toshiba Semiconductor
2SD1166 TOSHIBA-2SD1166 Datasheet
117Kb / 3P
   HIGH POWER SWITCHING APPLICATION. AC & MOTOR CONTROL APPLICATION. INVERTER APPLICATION.
logo
National Semiconductor ...
LM27402 NSC-LM27402_1 Datasheet
167Kb / 4P
   Current Limit Application Circuits Application Circuits
logo
Fairchild Semiconductor
FJX3012R FAIRCHILD-FJX3012R Datasheet
32Kb / 3P
   Switching Application
FJX4001R FAIRCHILD-FJX4001R Datasheet
42Kb / 4P
   Switching Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com