Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N5435A-085 Datasheet(PDF) 8 Page - Keysight Technologies

Part # N5435A-085
Description  MultiScope Application
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5435A-085 Datasheet(HTML) 8 Page - Keysight Technologies

Back Button N5435A-085 Datasheet HTML 3Page - Keysight Technologies N5435A-085 Datasheet HTML 4Page - Keysight Technologies N5435A-085 Datasheet HTML 5Page - Keysight Technologies N5435A-085 Datasheet HTML 6Page - Keysight Technologies N5435A-085 Datasheet HTML 7Page - Keysight Technologies N5435A-085 Datasheet HTML 8Page - Keysight Technologies N5435A-085 Datasheet HTML 9Page - Keysight Technologies N5435A-085 Datasheet HTML 10Page - Keysight Technologies N5435A-085 Datasheet HTML 11Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
08 | Keysight | N8834A MultiScope Application - Data Sheet
Application
License type
Infiniium
V/Z-Series
Infiniium
S-Series
Infiniium
90000 Series
Infiniium
9000 Series
Infiniium analysis software
(optional)
Floating
Transportable
N8900A-001
N8900A-001
N8900A-001
N8900A-001
Server-based
Multiscope software –
connect 2 scopes
Fixed
User-installed
N8834A-AFP
N8834A-AFP
N8834A-AFP
N8834A-AFP
Floating
Transportable
N8834A-ATP
N8834A-ATP
N8834A-ATP
N8834A-ATP
Server-based
N5435A-085
Multiscope software –
connect up to 5 scopes
Fixed
User-installed
N8834A-BFP
N8834A-BFP
N8834A-BFP
N8834A-BFP
Floating
Transportable
N8834A-BTP
N8834A-BTP
N8834A-BTP
N8834A-BTP
Server-based
N5435A-086
Multiscope software –
connect up to 10 scopes
Fixed
User-installed
N8834A-CFP
N8834A-CFP
N8834A-CFP
N8834A-CFP
Floating
Transportable
N8834A-CTP
N8834A-CTP
N8834A-CTP
N8834A-CTP
Server-based
N5435A-090
Multiscope software
(upgrade to connect from
2 to up to 5 scopes)
Fixed
User-installed
N8834A-DFP
N8834A-DFP
N8834A-DFP
N8834A-DFP
Floating
Transportable
N8834A-DTP
N8834A-DTP
N8834A-DTP
N8834A-DTP
Server-based
Multiscope software
(upgrade to connect from
5 to up to 10 scopes)
Fixed
User-installed
N8834A-EFP
N8834A-EFP
N8834A-EFP
N8834A-EFP
Floating
Transportable
N8834A-ETP
N8834A-ETP
N8834A-ETP
N8834A-ETP
Server-based
Note: Transportable license is required for viewing the multiscope channels on a PC via Hosted mode.
Recommended Oscilloscopes
The N8834A Multiscope software is compatible with Infiniium Series Oscilloscope with operating software revision 5.60 or higher. For
oscilloscopes with earlier revisions, free upgrade software is available at: www.keysight.com/find/scope-apps-sw.
Ordering Information for Infiniium Oscilloscope Multiscope Configuration
Software options
Cable kits
N2123A
Infiniium 90000 X- and V-Series multi-frame cable kit for two frames
N2124A
Infiniium 9000, 90000A, and S-Series multi-frame cable kit for two frames
N2105A
Infiniium 90000 Q- and Z-Series multi-frame base kit for stacking two frames
Ordering Information for InfiniiVision Oscilloscope Multiscope Configuration
Application
License type
InfiniiVision Series
Infiniium analysis software (required)
Floating
Transportable
N8900A-001
Server-based
Multiscope software – connect 2 scopes
Floating
Transportable
N8834A-ATP
Server-based
N5435A-085
Multiscope software – connect up to 5 scopes
Floating
Transportable
N8834A-BTP
Server-based
N5435A-086
Multiscope software – connect up to 10 scopes
Floating
Transportable
N8834A-CTP
Server-based
N5435A-090
Multiscope software (upgrade to connect from 2 to up to 5 scopes)
Floating
Transportable
N8834A-DTP
Server-based
Multiscope software (upgrade to connect from 5 to up to 10 scopes)
Floating
Transportable
N8834A-ETP
Server-based


Similar Part No. - N5435A-085

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5435A-088 KEYSIGHT-N5435A-088 Datasheet
11Mb / 47P
   Infiniium V-Series Oscilloscopes
More results

Similar Description - N5435A-085

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
381285 EXTECH-381285 Datasheet
467Kb / 24P
   Handheld MultiScope
381295 EXTECH-381295 Datasheet
177Kb / 1P
   5MHz Dual Channel MultiScope
381295A EXTECH-381295A Datasheet
244Kb / 1P
   5MHz Dual Channel MultiScope
logo
KEC(Korea Electronics)
KTC3875S KEC-KTC3875S Datasheet
95Kb / 3P
   GENERAL PURPOSE APPLICATION SWITCHING APPLICATION.
logo
KODENSHI_AUK CORP.
BC856F KODENSHI-BC856F Datasheet
284Kb / 4P
   General purpose application Switching application
logo
First Silicon Co., Ltd
FTA1504 FS-FTA1504 Datasheet
281Kb / 3P
   GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION.
logo
Toshiba Semiconductor
2SD1166 TOSHIBA-2SD1166 Datasheet
117Kb / 3P
   HIGH POWER SWITCHING APPLICATION. AC & MOTOR CONTROL APPLICATION. INVERTER APPLICATION.
logo
National Semiconductor ...
LM27402 NSC-LM27402_1 Datasheet
167Kb / 4P
   Current Limit Application Circuits Application Circuits
logo
Fairchild Semiconductor
FJX3012R FAIRCHILD-FJX3012R Datasheet
32Kb / 3P
   Switching Application
FJX4001R FAIRCHILD-FJX4001R Datasheet
42Kb / 4P
   Switching Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com