Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB97C202-MN-02 Datasheet(PDF) 10 Page - SMSC Corporation

Part # USB97C202-MN-02
Description  ATA/ATAPI CONTROLLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C202-MN-02 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button USB97C202-MN-02 Datasheet HTML 6Page - SMSC Corporation USB97C202-MN-02 Datasheet HTML 7Page - SMSC Corporation USB97C202-MN-02 Datasheet HTML 8Page - SMSC Corporation USB97C202-MN-02 Datasheet HTML 9Page - SMSC Corporation USB97C202-MN-02 Datasheet HTML 10Page - SMSC Corporation USB97C202-MN-02 Datasheet HTML 11Page - SMSC Corporation USB97C202-MN-02 Datasheet HTML 12Page - SMSC Corporation USB97C202-MN-02 Datasheet HTML 13Page - SMSC Corporation USB97C202-MN-02 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
USB 2.0 ATA/ATAPI Controller
Datasheet
SMSC USB97C202
Page 10
Revision 1.2 (02-04-04)
DATASHEET
MISC
General
Purpose I/O
GPIO[1:7]
IO20
These general purpose pins may be used
either as inputs, edge sensitive interrupt inputs,
or outputs. When using internal ROM mode,
these pins have the following assignments:
GPIO1: USB HS Indicator; active high
GPIO2: Serial EEPROM (93LC66 type) Chip
Select
GPIO3: USB VBUS Detect Input
GPIO4: Serial EEPROM Data In/Out
GPIO5: ATA Drive Reset
GPIO6: A16 control line for external program
Flash memory when using firmware upgrade
capability (external ROM operation only)
GPIO7: Serial EEPROM Clock output
RESET input nRESET
IS
This active low signal is used by the system to
reset the chip. The active low pulse should be
at least 100ns wide.
Test input
nTest[0:2]
IP
These signals are used for testing the chip.
User should normally leave them unconnected.
For board testing, all pads except these test
inputs are included in an XNOR chain, such
that by tying nTEST2 low, nIOR will reflect the
toggling of a signal on each pin. Circuit board
continuity of the pin solder connections after
assembly can be checked in this manner
POWER, GROUNDS, and NO CONNECTS
VDD
+2.5V Core power
VDDIO
+3.3V I/O power
VDDP
+2.5 Analog power
VSSP
Analog Ground Reference
VDDA
+3.3V Analog power
VSSA
Analog Ground Reference
GND
Ground Reference
NC
No Connect. These pins should not be
connected externally.


Similar Part No. - USB97C202-MN-02

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB97C202-MV-05 SMSC-USB97C202-MV-05 Datasheet
189Kb / 19P
   USB 2.0 ATA/ATAPI Controller
More results

Similar Description - USB97C202-MN-02

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A3P125 ACTEL-A3P125 Datasheet
414Kb / 1P
   ATA/ATAPI Controller
logo
SMSC Corporation
USB97C201 SMSC-USB97C201_03 Datasheet
423Kb / 59P
   USB 2.0 ATA/ ATAPI Controller
USB97C202 SMSC-USB97C202_07 Datasheet
189Kb / 19P
   USB 2.0 ATA/ATAPI Controller
USB97C201 SMSC-USB97C201 Datasheet
385Kb / 59P
   USB 2.0 ATA/ ATAPI Controller
logo
List of Unclassifed Man...
AU6390 ETC2-AU6390 Datasheet
435Kb / 19P
   USB2.0 to ATA/ATAPI Bridge Controller
AU6391 ETC2-AU6391 Datasheet
673Kb / 22P
   USB2.0 to ATA/ATAPI Bridge Controller
logo
SONiX Technology Compan...
SN11010F SONIX-SN11010F Datasheet
151Kb / 13P
   USB to ATA/ATAPI Interface Controller
logo
SMSC Corporation
USB2005 SMSC-USB2005 Datasheet
794Kb / 21P
   USB2.0 ATA/ATAPI CONTROLLER WITH PD - DRM
logo
Texas Instruments
TUSB6250PFC TI1-TUSB6250PFC Datasheet
478Kb / 125P
[Old version datasheet]   USB 2.0 To ATA/ATAPI Bridge Controller
TUSB6250 TI-TUSB6250 Datasheet
1Mb / 124P
[Old version datasheet]   USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com